Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5996 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5996
Description  5 BIT DYNAMIC DAC CONTROLLER FOR MOBILE CPU
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5996 Datasheet(HTML) 1 Page - STMicroelectronics

  L5996 Datasheet HTML 1Page - STMicroelectronics L5996 Datasheet HTML 2Page - STMicroelectronics L5996 Datasheet HTML 3Page - STMicroelectronics L5996 Datasheet HTML 4Page - STMicroelectronics L5996 Datasheet HTML 5Page - STMicroelectronics L5996 Datasheet HTML 6Page - STMicroelectronics L5996 Datasheet HTML 7Page - STMicroelectronics L5996 Datasheet HTML 8Page - STMicroelectronics L5996 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DYNAMIC DAC DETECTION ON CHIP
PROGRAMMABLE OUTPUT FROM 0.925V
TO 2.0V WITH 0.05V AND 0.025V BINARY
STEPS
ULTRA HIGH EFFICIENCY
SEPARATE 5V BIAS SUPPLY AVAILABLE
FOR HIGH EFFICIENCY PERFORMANCE
EXCELLENT
OUTPUT
ACCURACY
±1%
OVER LINE, LOAD AND TEMPERATURE
VARIATIONS
HIGH PRECISION INTERNAL REFERENCE
DIGITALLY TRIMMED
OPERATING SUPPLY
VOLTAGE FROM
4.75V TO 25V
VERY FAST LOAD TRANSIENT
REMOTE SENSING INPUTS
INTERNAL
LINEAR
REGULATOR
2.5V
/150mA,
±2% PRECISION
POWER MANAGEMENT
- PROGRAMMABLE POWER-UP TIME
- POWER GOOD OUTPUT, SKIP MODE
- OUTPUT OVERVOLTAGE PROTECTION
- OUTPUT UNDERVOLTAGE LOCKOUT
OPERATING FREQUENCY UP TO 1MHz
MEETS INTEL MOBILE PENTIU® III
Application
ADVANCED MICROPROCESSOR SUPPLIES
POWER SUPPLYFOR PENTIUM
®
III INTEL MO-
BILE
DESCRIPTION
The L5996 is a power supply controller that offers
a complete power management for
notebook
CPUs of the next generation especially for mobile
Pentium III. A high precise 5 bit digital to analog
converter (DAC) allows to adjust the output volt-
age from 0.925V to 2.0V. Dynamic DAC code
changes are detected on chip in order to switch
the output voltage between 1.3V and 1.45V in
less tahn 100
µs.The high precision internal refer-
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
July 1999
®
FREQ SETTING
SYNC
POWER
MANAGEMENT
& SYSTEM
SUPERVISOR
4.75V
to
25V
VO
POWER
SECTION
L5996
POWER GOOD
PWM SECTIONS
DAC
NOSKIP
ENABLE
CPU CORE
2.5V LIN. REG.
3.3V
2.5V
CPU CLK
D0
D1
D2
D3
0.925V to 2.0V
Pentium® III
Mobile
D98IN997A
D4
TYPICAL APPLICATION CIRCUIT
TQFP32
(7mm x 7mm)
L5996
5 BIT DYNAMIC DAC CONTROLLER FOR MOBILE CPU
PRELIMINARY DATA
1/9


Similar Part No. - L5996

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
L5991 STMICROELECTRONICS-L5991 Datasheet
415Kb / 23P
PRIMARY CONTROLLER WITH STANDBY
Aug-2001
L5991A STMICROELECTRONICS-L5991A Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
L5991A STMICROELECTRONICS-L5991A Datasheet
415Kb / 23P
PRIMARY CONTROLLER WITH STANDBY
Aug-2001
L5991AD STMICROELECTRONICS-L5991AD Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
More results

Similar Description - L5996

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5155 CHERRY-CS5155 Datasheet
279Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/22/99
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/21/99
CS5156 CHERRY-CS5156 Datasheet
308Kb / 14P
CPU 5-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 12/31/98
CS5157H CHERRY-CS5157H Datasheet
236Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/27/99
CS5158 CHERRY-CS5158 Datasheet
231Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 2/16/99
logo
Texas Instruments
TPS5300 TI-TPS5300 Datasheet
323Kb / 21P
MOBILE CPU POWER SUPPLY CONTROLLER
logo
ON Semiconductor
ADP3208C ONSEMI-ADP3208C Datasheet
1Mb / 41P
7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
May 2008??Rev. 1
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com