Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5996 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5996
Description  5 BIT DYNAMIC DAC CONTROLLER FOR MOBILE CPU
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5996 Datasheet(HTML) 5 Page - STMicroelectronics

  L5996 Datasheet HTML 1Page - STMicroelectronics L5996 Datasheet HTML 2Page - STMicroelectronics L5996 Datasheet HTML 3Page - STMicroelectronics L5996 Datasheet HTML 4Page - STMicroelectronics L5996 Datasheet HTML 5Page - STMicroelectronics L5996 Datasheet HTML 6Page - STMicroelectronics L5996 Datasheet HTML 7Page - STMicroelectronics L5996 Datasheet HTML 8Page - STMicroelectronics L5996 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FUNCTIONAL PIN DESCRIPTION
ENABLE(pin1): Enable input. A
high level
(>2.4V) enables the device, a low level (<0.8V)
shuts it down. As ENABLE drops below 0.8V, the
drivers are turned off and all internal functions are
disabled except REG5. In this condition the stand
by current is less than 80
µA at VIN = 12V.
VIN(pin2): Device supply voltage. Input voltage
range at this pin is 4.75V to 25V and the operat-
ing current requirement at 12V is 650
µA.
REG5(pin3): 5V Regulator supply. Used also to
supply the bootstrap capacitor. A minimum 2.2
µF
ceramic capacitor connected to PWRGND is re-
quired.
V5SW(pin4): 5V supply line. Connecting to 5V
bus(4.75V to 5.5V) the device is no longer pow-
ered by VIN but by this pin and the internal linear
regulator is disconnected increasing the effi-
ciency.
DISPROT (pin5) Disable Protection Functions. A
high level (3.3V CMOS LOGIC) on this pin dis-
ables the undervoltage and the overvoltage pro-
tection. Tie this pin to VSS for normal operation.
SSTART(pin6): Soft Start. The soft-start time is
programmed by an external capacitor connected
between this pin and SGND. The internal current
generator forces 4
µA through the capacitor imple-
menting the soft start function.
HRSNS(pin7): Error summing current sense non
inverting input.
LRSNS(pin8): Error summing current sense in-
verting input.
VFB(pin9): Regulator voltage feedback input.
Connect close to the CPU input supply pin realise
an accurate voltage regulation. VFB internally is
connected to the window comparator that is used
to increase the performance during the load tran-
sient.
COMP(pin10): Regulator stability compensation
pin. The compensation is realised internally and
normally it is not necessary to connect any exter-
nal components to this pin.
VPROG(pin11): Reference voltage test pin. This
pin provides the DAC output and should be de-
coupled to ground using a 0.22
µF ceramic ca-
pacitor. No load has to be connected.
SNSGND(pin12): Remote ground sense. This
pin is internally connected to the low power cir-
cuitry and for a precise output voltage regulation
can be connected to the output capacitor nega-
tive terminal.
VIN2.5(pin13): 2.5V linear supply voltage. Is avail-
able on-chip a linear regulator useful for the 2.5V
bus. A max input voltage of 3.3V is recom-
mended at Iomax (150mA).
VO2.5(pin14): 2.5V linear regulator output. The
linear regulator is realised with an internal NPN
transistor
with +/-2% output accuracy. A mini-
mum
of
47
µF capacitor connected versus
PWRGND is required.
VBG(pin15): Band-gap reference voltage. A min
220nF ceramic capacitor is required to assure the
band gap stability and noise immunity.
VSS(pin16): Signal ground. This pin could be
connected to the PWRGND pin.
FREQ(pin17): Connecting an external resistor
versus ground is possible to select the switching
frequency between 100kHz and 1MHz. Using an
Rext=680k the fsw is 100kHz, using an Rext =
40k the fsw is 1MHz. In this condition is recom-
mended to connect the OSC pin to REG5 or to
VSS.
OSC(pin18): Connecting to REG5 is able to set
the switching frequency at 200kHz, connecting to
VSS is able to set the switching frequency at
250kHz. An external pulsed signal, with an ampli-
tude higher than 2.4V, could synchronise the de-
vice. In all these conditions pin FREQ has to be
connected to REG5.
OVP/CURLIM(pin19): Over voltage protection
and reduced current limit window. If the output
voltage reaches the 10% above the programmed
voltage (VPROG) this pin is driven low the high
side driver is turned off and the low, side driver is
turned on. All the internal blocks are active. The
device uses OVP function to discharge the output
during HIGH_TO_LOW core voltage transition.
The pin is driven low also during LOW_TO_HIGH
core voltage transition. The pin will stay low as
L5996
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com