Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5996 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L5996
Description  5 BIT DYNAMIC DAC CONTROLLER FOR MOBILE CPU
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5996 Datasheet(HTML) 4 Page - STMicroelectronics

  L5996 Datasheet HTML 1Page - STMicroelectronics L5996 Datasheet HTML 2Page - STMicroelectronics L5996 Datasheet HTML 3Page - STMicroelectronics L5996 Datasheet HTML 4Page - STMicroelectronics L5996 Datasheet HTML 5Page - STMicroelectronics L5996 Datasheet HTML 6Page - STMicroelectronics L5996 Datasheet HTML 7Page - STMicroelectronics L5996 Datasheet HTML 8Page - STMicroelectronics L5996 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PROTECTION FUNCTIONS
V8-V7
Over-Current Threshold
Voltage
VSSTART = 3.1V
•
48
60
72
mV
Pulse Skipping Mode
Threshold Voltage
NOSKIP = HIGH
7
11
15
mV
Zero Crossing Threshold
-4
+4
mV
Under-Voltage Threshold
Vprog
-13%
Vprog
-10%
Vprog
-7%
V
Upper Over-Voltage Threshold
Vprog
+7%
Vprog
+10%
Vprog
+13%
V
Lower Over-Voltage Threshold
Vprog
-4.5%
V
Over-Voltage Propagation
Time
1.5
µs
Under-Voltage Propagation
Time
1.5
µs
SOFT START
Soft start source current
3.2
4
4.8
µA
Soft start clamp voltage
3.1
V
OSCILLATOR AND SYNC
fosc
Fixed frequency
OSC =0V; FREQ = REG5
•
225
250
275
KHz
OSC = REG5 FREQ = REG5
•
180
200
220
KHz
f SINK MIN
Minimum Synchronizzable
external frequency
FREQ = REG5
OSC = EXTERNAL SIGNAL
120
KHz
Sync pulse width
Rising edge mode
200
ns
Sync pulse amplitude
3
5.5
V
fosc
Operating switching frequency Rext connected between
FREQ and GND, OSC
connect to REG5 or GND
Rext = 680k
Ω
Rext = 40k
Ω
•
100
1
kHz
MHz
HIGH AND LOW SIDE GATE DRIVERS
IOH5
Output high source peak
current
HSTRAP = RSTRAP = REG5
550
mA
RH5
Output high sink impedance
Itest = 100mA,
HSTRAP = RSTRAP = REG5
3.5
Ω
IOH12
Output high source peak
current
HSTRAP = RSTRAP = 12V
2
A
RH12
Output high sink impedance
Itest = 100mA,
HSTRAP - RSTRAP = 12V
2
Ω
IOL5
Output low peak current
HSTRAP = RSTRAP = 5V
500
mA
RL5
Output low impedance
Itest = 100mA,
HSTRAP = RSTRAP = 5V
3
Ω
IOL12
Output low peak current
HSTRAP = RSTRAP = 12V
2
A
RL12
Output low Impedance
Itest = 100mA,
HSTRAP = RSTRAP = 12V
2
Ω
TCC
Dead Time
GATE low to high
60
ns
ELECTRICAL CHARACTERISTICS (continued)
L5996
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com