Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5996 Datasheet (PDF) - STMicroelectronics

L5996 Datasheet PDF - STMicroelectronics
Part # L5996
Download  L5996 Download
File Size   77.02 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 BIT DYNAMIC DAC CONTROLLER FOR MOBILE CPU

L5996 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5996 Datasheet PDF - STMicroelectronics

Part # L5996
Download  L5996 Click to download

File Size   77.02 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 BIT DYNAMIC DAC CONTROLLER FOR MOBILE CPU

L5996 Datasheet (HTML) - STMicroelectronics


L5996 Product details

DESCRIPTION
The L5996 is a power supply controller that offers a complete power management for notebook CPUs of the next generation especially for mobile Pentium III. A high precise 5 bit digital to analog converter (DAC) allows to adjust the output voltage from 0.925V to 2.0V. Dynamic DAC code changes are detected on chip in order to switch the output voltage between 1.3V and 1.45V in less tahn 100µs.

■ DYNAMIC DAC DETECTION ON CHIP
■ PROGRAMMABLE OUTPUT FROM 0.925V TO 2.0V WITH 0.05V AND 0.025V BINARY STEPS
■ ULTRA HIGH EFFICIENCY
■ SEPARATE 5V BIAS SUPPLY AVAILABLE FOR HIGH EFFICIENCY PERFORMANCE
■ EXCELLENT OUTPUT ACCURACY ±1% OVER LINE, LOAD AND TEMPERATURE VARIATIONS
■ HIGH PRECISION INTERNAL REFERENCE DIGITALLY TRIMMED
■ OPERATING SUPPLY VOLTAGE FROM 4.75V TO 25V
■ VERY FAST LOAD TRANSIENT
■ REMOTE SENSING INPUTS
■ INTERNAL LINEAR REGULATOR 2.5V/150mA, ±2% PRECISION
■ POWER MANAGEMENT
    - PROGRAMMABLE POWER-UP TIME
    - POWER GOOD OUTPUT, SKIP MODE
    - OUTPUT OVERVOLTAGE PROTECTION
    - OUTPUT UNDERVOLTAGE LOCKOUT
■ OPERATING FREQUENCY UP TO 1MHz
■ MEETS INTEL MOBILE PENTIU® III

Application
■ ADVANCED MICROPROCESSOR SUPPLIES
■ POWERSUPPLYFORPENTIUM® III INTEL MOBILE




Similar Part No. - L5996

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
L5991 STMICROELECTRONICS-L5991 Datasheet
415Kb / 23P
PRIMARY CONTROLLER WITH STANDBY
Aug-2001
L5991A STMICROELECTRONICS-L5991A Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
L5991A STMICROELECTRONICS-L5991A Datasheet
415Kb / 23P
PRIMARY CONTROLLER WITH STANDBY
Aug-2001
L5991AD STMICROELECTRONICS-L5991AD Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
More results


Similar Description - L5996

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5155 CHERRY-CS5155 Datasheet
279Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/22/99
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/21/99
CS5156 CHERRY-CS5156 Datasheet
308Kb / 14P
CPU 5-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 12/31/98
CS5157H CHERRY-CS5157H Datasheet
236Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/27/99
CS5158 CHERRY-CS5158 Datasheet
231Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 2/16/99
logo
Texas Instruments
TPS5300 TI-TPS5300 Datasheet
323Kb / 21P
MOBILE CPU POWER SUPPLY CONTROLLER
logo
ON Semiconductor
ADP3208C ONSEMI-ADP3208C Datasheet
1Mb / 41P
7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
May 2008??Rev. 1
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com