Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5996 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5996
Description  5 BIT DYNAMIC DAC CONTROLLER FOR MOBILE CPU
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5996 Datasheet(HTML) 6 Page - STMicroelectronics

  L5996 Datasheet HTML 1Page - STMicroelectronics L5996 Datasheet HTML 2Page - STMicroelectronics L5996 Datasheet HTML 3Page - STMicroelectronics L5996 Datasheet HTML 4Page - STMicroelectronics L5996 Datasheet HTML 5Page - STMicroelectronics L5996 Datasheet HTML 6Page - STMicroelectronics L5996 Datasheet HTML 7Page - STMicroelectronics L5996 Datasheet HTML 8Page - STMicroelectronics L5996 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
long as the current limit value is reduced with re-
spect to the normal operating value. This is done
to limit voltage overshoots during core voltage
changes. Making this signal externally available
simplifies system debugging.
VID0-4(pin20-24): Voltage Identification code in-
put. These open collector compatible inputs are
used to program the output voltage as specified
in Table 1. Every pin has an internal pull up. If all
four pins are high or floating, the output voltage
and the 2.5V regulator are suspended and the
POWERGOOD is low.
NOSKIP(pin25): Pulse skipping mode control. A
high level (>2.4V) disables pulse skipping in low
load condition, a low level (>0.8V) enables it.
HSRC(pin26):
High
side
N-Channel
switch
source connection. This pin provides the return
path for the high side driver.
HGATE(pin27): Gate driver output, high side N-
Channel switch. The driver internal impedance is
about 4
Ω at VIN=12V.
HSTRAP(pin28):Bootstrap capacitor pin. This pin
provide to supply the high side driver sinking the
current by the bootstrap capacitor.
RSTRAP(pin29):
Synchronous rectifier
gate
driver supply voltage. This pin could be con-
nected to REG5 to reduce the switching losses
due to the external Mosfets gate capacitance.
This is useful to maintain an high efficiency at
light load.
RGATE(pin30): Gate driver output, low side N-
Channel switch. The driver internal impedance is
about 3
Ω at VIN=12V.
PWRGND(pin31): Power ground. This pin has to
be connected closely
to the low side mosfet
source in order to reduce the noise injected into
the IC.
POWER GOOD(pin32): Open drain power good
output. This pin is pulled low if the output voltage
is not within
±10% and the 2.5V output is lower
than 2.175V (-13%). The pin is pulled low also if
REG5, VPROG and VBG have not reached the
expected values. This test could be useful in an
assembling fault condition.
Table 1. VID [4:0] AND corresponding +VCC_CPU_CORE ranges
VID[4:0]
+VCC_CPU_CORE
VID[4:0]
+VCC_CPU_CORE
00000
2.00V
10000
1.275V
00001
1.95V
10001
1.250V
00010
1.90V
10010
1.225V
00011
1.85V
10011
1.200V
00100
1.80V
10100
1.175V
00101
1.75V
10101
1.150V
00110
1.70V
10110
1.125V
00111
1.65V
10111
1.100V
01000
1.60V
11000
1.075V
01001
1.55V
11001
1.050V
01010
1.50V
11010
1.025V
01011
1.45V
11011
1.000V
01100
1.40V
11100
0.975V
01101
1.35V
11101
0.950V
01110
1.30V
11110
0.925V
01111
No CPU
11111
No CPU
L5996
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com