Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT201XS-R Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT201XS-R
Description  FT201X USB I2C SLAVE IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT201XS-R Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT201XS-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Copyright © 2014 Future Technology Devices International Limited
1
FT201X USB I2C SLAVE IC Datasheet
Version 1.4
Document No.: FT_000627 Clearance No.: FTDI# 264
Future Technology Devices
International Ltd.
FT201X
(USB I2C SLAVE IC)
The FT201X is a USB to I2C interface
with the following advanced features:
Single chip USB to I2C slave interface.
Up to 3.4MHz, high speed mode, I2C supported
Entire USB protocol handled on the chip. No
USB specific firmware programming required.
Fully
integrated
2048
byte
multi-time-
programmable (MTP) memory, storing device
descriptors and CBUS I/O configuration.
Fully integrated clock generation with no
external crystal required plus optional clock
output selection enabling a glue-less interface
to external MCU or FPGA.
512 byte receive buffer and 512 byte transmit
buffer utilising buffer smoothing technology to
allow for high data throughput.
FTDI’s royalty-free Virtual Com Port (VCP) and
Direct
(D2XX)
drivers
eliminate
the
requirement for USB driver development in
most cases.
Configurable CBUS I/O pins.
Transmit and receive LED drive signals.
USB Battery Charger Detection. Allows for USB
peripheral devices to detect the presence of a
higher power source to enable improved
charging.
Device supplied pre-programmed with unique
USB serial number.
USB Power Configurations; supports bus-
powered, self-powered and bus-powered with
power switching.
Integrated +3.3V level converter for USB I/O.
True 3.3V CMOS drive output and TTL input;
Operates down to 1V8 with external pull-ups.
Tolerant of 5V input.
Configurable I/O pin output drive strength; 4
mA (min) and 16 mA (max).
Integrated power-on-reset circuit.
Fully integrated AVCC supply filtering - no
external filtering required.
+ 5V Single Supply Operation.
Internal 3V3/1V8 LDO regulators
Low operating and USB suspend current; 8mA
(active-typ) and 125uA (suspend-typ).
UHCI/OHCI/EHCI host controller compatible.
USB 2.0 Full Speed compatible.
Extended operating temperature range; -40 to
85⁰C.
Available in compact Pb-free 16 Pin SSOP and
QFN packages (both RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow
G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT201XS-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT201XS ETC2-FT201XS Datasheet
1Mb / 28P
Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
More results

Similar Description - FT201XS-R

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2701A AMSCO-AS2701A Datasheet
180Kb / 16P
AS-Interface Slave IC
AS2702 AMSCO-AS2702 Datasheet
119Kb / 18P
AS-Interface Slave IC
logo
Digital Core Design
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
I2C Bus Interface - Master/Slave
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
I2C Bus Interface - Slave
logo
ams AG
AS2702 AMSCO-AS2702_1 Datasheet
140Kb / 13P
AS-Interface Slave IC
logo
Synaptics Incorporated.
CX20745 CONEXANT-CX20745 Datasheet
612Kb / 2P
Control Interface: I2C slave only
logo
Future Technology Devic...
FT200XD FTDI-FT200XD Datasheet
1Mb / 42P
FT200XD USB I2C SLAVE IC Datasheet Version 1.3
FT121Q-R FTDI-FT121Q-R Datasheet
1Mb / 46P
Enhanced USB Device Controller with SPI Slave IC
FT201XQ-T FTDI-FT201XQ-T Datasheet
1Mb / 49P
USB I2C SLAVE IC
logo
Cypress Semiconductor
CY7C65221 CYPRESS-CY7C65221 Datasheet
534Kb / 24P
Dual I2C Slave Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com