Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT201XS-R Datasheet(PDF) 25 Page - Future Technology Devices International Ltd.

Part # FT201XS-R
Description  FT201X USB I2C SLAVE IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT201XS-R Datasheet(HTML) 25 Page - Future Technology Devices International Ltd.

Back Button FT201XS-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 29Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
Copyright © 2014 Future Technology Devices International Limited
25
FT201X USB I2C SLAVE IC Datasheet
Version 1.4
Document No.: FT_000627 Clearance No.: FTDI# 264
8 Application Examples
The following sections illustrate possible applications of the FT201X. The illustrations have omitted pin
numbers for ease of understanding since the pins differ between the FT201XS and FT201XQ package
options.
8.1 USB to I2C Converter
FT201X
1
2
3
4
5
SHIELD
Ferrite
Bead
GND
GND
VCC
GND
VCC
3V3OUT
USBDM
USBDP
VCCIO
VCC
RESET#
100nF
100nF
10nF
4.7uF
+
SDA
SCL
SCL
SDA
I2C MASTER DEVICE
VCCIO
1k
1k
27R
27R
GND
47pF
47pF
Figure 8.1 Application Example showing USB to I2C Converter
An example of using the FT201X as an I2C peripheral is shown in Figure 8.1. The FT201X is the slave on
the I2C bus.
Therefore the clock supplied to the SCL pin must come from the I2C Master. The device will support
standard I2C data rates such as 100 kbit/s standard mode (SM), 400 kbit/s fast mode (FM), 1 Mbit/s Fast
mode plus (FM+), and 3.4 Mbit/s High Speed mode (HS).
The data line SDA is bi- directional.
The master is initially in master transmit mode by sending a start bit followed by the 7-bit address of the
slave it wishes to communicate with, which is finally followed by a single bit representing whether it
wishes to write(0) to or read(1) from the slave.
If the slave (FT201X) exists on the bus then it will respond with an ACK bit (active low for acknowledged)
for that address. The master then continues in either transmit or receive mode (according to the
read/write bit it sent), and the slave continues in its complementary mode (receive or transmit,
respectively).
The address and the data bytes are sent most significant bit first. The start bit is indicated by a high-to-
low transition of SDA with SCL high; the stop bit is indicated by a low-to-high transition of SDA with SCL
high.
If the master wishes to write to the slave then it repeatedly sends a byte with the slave sending an ACK
bit. (In this situation, the master is in master transmit mode and the slave is in slave receive mode.)
If the master wishes to read from the slave then it repeatedly receives a byte from the slave, the master
sending an ACK bit after every byte but the last one. (In this situation, the master is in master receive
mode and the slave is in slave transmit mode.)
The master then ends transmission with a stop bit, or it may send another START bit if it wishes to retain
control of the bus for another transfer (a "combined message").
I²C defines three basic types of message, each of which begins with a START and ends with a STOP:
Single message where a master writes data to a slave;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com