Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT201XS-R Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT201XS-R
Description  FT201X USB I2C SLAVE IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT201XS-R Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT201XS-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Copyright © 2014 Future Technology Devices International Limited
11
FT201X USB I2C SLAVE IC Datasheet
Version 1.4
Document No.: FT_000627 Clearance No.: FTDI# 264
3.3 CBUS Signal Options
The following options can be configured on the CBUS I/O pins. CBUS signal options are common to both
package versions of the FT201X. These options can be configured in the internal MTP memory using the
software utility FT_PROG, which can be downloaded from the FTDI Utilities (www.ftdichip.com). The
default configuration is described in Section 9.
CBUS
Signal
Option
Available On CBUS Pin
Description
TRI-STATE
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
IO Pad is tri-stated
DRIVE 1
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
Output a constant 1
DRIVE 0
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
Output a constant 0
PWREN#
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
Output is low after the device has been configured by
USB, then high during USB suspend mode. This output can
be used to control power to an external logic P-Channel
logic level MOSFET switch. Enable the interface pull-down
option when using the PWREN# in this way.
SLEEP#
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
Goes low during USB suspend mode. Typically used to
power down an external logic.
CLK24MHz
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
24 MHz Clock output.*
CLK12MHz
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
12 MHz Clock output.*
CLK6MHz
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
6 MHz Clock output.*
GPIO
CBUS0, CBUS1, CBUS2, CBUS3,
CBUS bit bang mode option. Allows up to 4 of the CBUS
pins to be used as general purpose I/O. Configured
individually for CBUS0, CBUS1, CBUS2 and CBUS3 in the
internal MTP
memory. A separate application note,
AN232R-01, available from FTDI website
(www.ftdichip.com) describes in more detail how to use
CBUS bit bang mode.
BCD Charger
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
Battery charge Detect, indicates when the device is
connected to a dedicated battery charger host. Active high
output.
BCD
Charger#
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
Inverse of BCD Charger (open drain)
BitBang_WR#
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
Synchronous and asynchronous bit bang mode WR#
strobe output.
BitBang_RD#
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
Synchronous and asynchronous bit bang mode RD# strobe
output.
I2C_TXE#
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
Transmit buffer empty, used to indicate to
I2C master
device status of the FT201EX transmit buffer
I2C_RXF#
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
Receive buffer full, used to indicate to
I2C master device
status of FT201EX receive buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com