Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT201XS-R Datasheet(PDF) 33 Page - Future Technology Devices International Ltd.

Part # FT201XS-R
Description  FT201X USB I2C SLAVE IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT201XS-R Datasheet(HTML) 33 Page - Future Technology Devices International Ltd.

Back Button FT201XS-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 37Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Copyright © 2014 Future Technology Devices International Limited
33
FT201X USB I2C SLAVE IC Datasheet
Version 1.4
Document No.: FT_000627 Clearance No.: FTDI# 264
how many bytes are available. This signal can be mapped to the CBUS pins. Note that the
Receive buffer is the buffer which holds data which has come from the external I2C master and is
going to the host computer over USB.
-
Do a write over I2C (Master transmitter, Slave receiver) and check if the FT-X ACKs. The FT-X will
NAK if there is no space in the buffer for the data to be written into. The FT-X will NACK in the
address phase if this is the first byte being written and there is no space available. If the buffer
becomes full during a burst write, the FT-X will NACK any bytes during the data phase which
cannot be accommodated in the buffer.
Note that because the acknowledgement can be checked for each byte written (since the FT-X slave is
generating the acknowledge when writing to it), there is no command to ask the FT-X how much buffer
space is available.
9.3 Other I2C Commands
Soft reset
This uses the General Call Address. If the second byte is 0x06 (0000 0110) it will be interpreted by the
FT-X as the Soft Reset command. This will reset the chip and clear all buffers.
Flush command
This uses the General Call Address. If the second byte is 0x0E (0000 1110) it will be interpreted by the
FT-X as the Flush command and the Transmit and Receive buffers will be flushed of all data.
Figure 9.4: Flush data command
Read Data Available command
This uses the General Call Address. If the second byte is 0x0C (0000 1100) it will be interpreted by the
block as the Read Data Available command and on the next I2C read cycle following this command, the
data will hold the number of bytes available for burst read.
Figure 9.5: Reading the amount of data available
USB State command
This uses the General Call Address. If the second byte is 0x16 (0001 0110) it will be interpreted by the
block as the USB State command and on the next read cycle following this command, the data will hold
the coded USB State value. The USB state allows you to check the current USB enumeration state:
0x00 = Suspended.
0x01 = Default.
0x02 = Addressed.
0x03 = Configured.
Note: The Configured state is the normal operating state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com