Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT201XS-R Datasheet(PDF) 32 Page - Future Technology Devices International Ltd.

Part # FT201XS-R
Description  FT201X USB I2C SLAVE IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT201XS-R Datasheet(HTML) 32 Page - Future Technology Devices International Ltd.

Back Button FT201XS-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 36Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Copyright © 2014 Future Technology Devices International Limited
32
FT201X USB I2C SLAVE IC Datasheet
Version 1.4
Document No.: FT_000627 Clearance No.: FTDI# 264
Figure 9.2: Data transfers with 7-bit and 10-bit addressing modes
Flow Control when Reading
When reading data, it is important to know if there is data available to read over I2C and if the data read
is valid. There are three methods by which to check whether the data being read is valid.
-
Checking the I2C_TXE# line, which indicates whether the transmit buffer is empty. This signal
can be mapped to the CBUS pins. This line does not indicate the number of bytes available. If the
line is asserted, there are one or more bytes in the transmit buffer. Note that the Transmit buffer
is the buffer which holds data which has come from the host computer and is going to be read by
the external I2C master.
-
Do a read over I2C (Master receiver, Slave transmitter) and check whether the FT-X
acknowledges the address phase. The FT-X will NAK the address phase if there is no data to read.
-
If bursting data, then there is not an address phase for each byte. In this case, it is not possible
to tell when the buffer has emptied and therefore when you are no longer reading valid bytes. In
this case, a Data Available check can be carried out first. If the byte after the general call address
is 0x0C (0000 1100), the FT-X returns the Data Available Count to indicate the number of bytes
available for burst read. Please also refer to section 9.3. Note that because this returns a single
byte, the maximum value is 0xFF, and so a value of 0xFF indicates that there are 255 or more
bytes available.
Figure 9.3: Checking the Data Available Count
Flow Control when Writing
When writing data (data going from I2C toward the host computer), it is important to check if there is
space available and if the FT-X accepted the byte written. There are two methods by which to check
whether space is available.
-
Check the I2C_RXF# line, which indicates whether the Receive buffer is full. This line indicates
that there is at least one empty byte available in the buffer. However, there is no indication of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com