Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT201XS-R Datasheet(PDF) 14 Page - Future Technology Devices International Ltd.

Part # FT201XS-R
Description  FT201X USB I2C SLAVE IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT201XS-R Datasheet(HTML) 14 Page - Future Technology Devices International Ltd.

Back Button FT201XS-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT201XS-R Datasheet HTML 18Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Copyright © 2014 Future Technology Devices International Limited
14
FT201X USB I2C SLAVE IC Datasheet
Version 1.4
Document No.: FT_000627 Clearance No.: FTDI# 264
input receiver and two single ended input receivers provide USB data in, Single-Ended-0 (SE0) and USB
reset detection conditions respectfully. This function also incorporates a 1.5kΩ pull up resistor on USBDP.
The block also detects when connected to a USB power supply which will not enumerate the device but
still supply power and may be used for battery charging.
USB DPLL. The USB DPLL cell locks on to the incoming NRZI USB data and generates recovered clock
and data signals for the Serial Interface Engine (SIE) block.
Internal 12MHz Oscillator - The Internal 12MHz Oscillator cell generates a 12MHz reference clock. This
provides an input to the x4 Clock Multiplier function. The 12MHz Oscillator is also used as the reference
clock for the SIE, USB Protocol Engine and UART FIFO controller blocks.
Clock Multiplier / Divider. The Clock Multiplier / Divider takes the 12MHz input from the Internal
Oscillator function and generates the 48MHz, 24MHz, 12MHz and 6MHz reference clock signals. The 48Mz
clock reference is used by the USB DPLL and the Baud Rate Generator blocks.
Serial Interface Engine (SIE). The Serial Interface Engine (SIE) block performs the parallel to serial
and serial to parallel conversion of the USB data. In accordance with the USB 2.0 specification, it
performs bit stuffing/un-stuffing and CRC5/CRC16 generation. It also checks the CRC on the USB data
stream.
USB Protocol Engine. The USB Protocol Engine manages the data stream from the device USB control
endpoint. It handles the low level USB protocol requests generated by the USB host controller and the
commands for controlling the functional parameters of the I2C in accordance with the USB 2.0
specification chapter 9.
FIFO RX Buffer (512 bytes). Data sent from the USB host controller to the I2C interface via the USB
data OUT endpoint is stored in the FIFO RX (receive) buffer. Data is removed from the buffer to the I2C
transmit register under control of the I2C Controller. (Rx relative to the USB interface).
FIFO TX Buffer (512 bytes). Data from the I2C receive register is stored in the TX buffer. The USB host
controller removes data from the FIFO TX Buffer by sending a USB request for data from the device data
IN endpoint. (Tx relative to the USB interface).
I2C Controller. Module to handle the latching in and out of serial data on the I2C interface. Supports up
to 3.4MHz, High Speed Serial Mode.
RESET Generator - The integrated Reset Generator Cell provides a reliable power-on reset to the device
internal circuitry at power up. The RESET# input pin allows an external device to reset the FT201X.
RESET# can be tied to 3V3OUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com