Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6238S Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6238S
Description  12V SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238S Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6238S Datasheet HTML 7Page - STMicroelectronics L6238S Datasheet HTML 8Page - STMicroelectronics L6238S Datasheet HTML 9Page - STMicroelectronics L6238S Datasheet HTML 10Page - STMicroelectronics L6238S Datasheet HTML 11Page - STMicroelectronics L6238S Datasheet HTML 12Page - STMicroelectronics L6238S Datasheet HTML 13Page - STMicroelectronics L6238S Datasheet HTML 14Page - STMicroelectronics L6238S Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Bemf. This resychronization can either occur
whenever Output Enable or Run/Brake is first
brought low then high.
Referring to figure 2-4, the ”Hold for Resync”
state is brought low. The controller leaves this
state and enters ”Start Resync” when Output En-
able is high.
S
Q
Q
TO START-UP
LOGIC
S
OVER TEMP SHUTDOWN
D95IN311
OUTPUT
ENABLE
RUN/
BRAKE
FALIGN
Figure 2.3: Watch-Dog Timer
LOAD MIN DELAY
LOAD MIN MASK***
DELAY COUNT
STATE=STATE+1
MASK COUNT
LOAD DELAY=MIN
LOAD MASK=MIN
PERIOD COUNT
DELAY COUNT*
STATE=STATE+1
MASK COUNT
CHECK FOR Zc
OUTENA=1
BEMF
DRIVERS OFF
MIN CLOCK DELAY
PERIOD STOP
D95IN312
*CLOCK DELAY=(TDLY [2:0] WHEN BEMF PERIOD <3.3ms @ 10MHz (SPEED>12.7Hz FOR 8 POLES)
BEMF: BEMF RISING WITH PNSLOPE=1 OR BEMF FALLING WITH PNSLOPE=0
BEMF: BEMF RISING WITH PNSLOPE=0 OR BEMF FALLING WITH PNSLOPE=1
** MONO=0 WHEN FREQ (BEMF)=2*FREQ(PHASE)
*** MIN MASK=192/SYS_CLK(I.E.WITH SYS_CLK=10MHz, MIN MASK=19.2
µs)
BEMF
RUN/BRK=0
BEMF
BEMF
DRIVERS OFF
DRIVERS ON
LOAD DELAY=PERIOD
LOAD MASK=PERIOD
RESET PERIOD
PERIOD COUNT
DELAYH COUNT*
STATE=STATE+1
MASK COUNT
MONO=0**
BEMF
BEMF
RUN
MODE
OUTENA=0
OUTENA=1
HOLD FOR RESYNC
RESYNCHRONIZATION MODE
Figure 2-4
STATE=1
DRIVERS OFF
MIN CLOCK DELAY
PERIOD STOP
DELAY STOP
MASK STOP
DRIVERS OFF
MIN CLOCK DELAY
LOAD MIN DELAY
LOAD MIN MASK
PERIOD STOP
DELAY COUNT
STATE=STATE+1
MASK COUNT
CHECK FOR Zc
DRIVERS ON
PERIOD STOP
DELAY STOP
MASK STOP
STATE=STATE+1
LOAD DELAY=MIN
LOAD MASK=MAX
PERIOD COUNT
DELAY COUNT
STATE=STATE+1
MASK COUNT
CHECK FOR Zc
BEMF
221
SYS_CLK
RUN/BRAKE=1
POR=0
FROM ANY STATE
OUTENA=1
64/FALIGN
192/FALIGN
DRIVERS ON
LOAD DELAY=PERIOD
LOAD MASK=PERIOD
RESET PERIOD
PERIOD COUNT
DELAY COUNT*
STATE=STATE+1
MASK COUNT
BEMF
D95IN310
BEMF: BEMF RISING WITH PNSLOPE=1 OR BEMF FALLING WITH PNSLOPE=0
BEMF: BEMF RISING WITH PNSLOPE=0 OR BEMF FALLING WITH PNSLOPE=1
***MIN MASK=192/SYS_CLK (I.E. WITH SYS_CLK=10MHz, MIN MASK=19.2
µs)
BEMF
RUN/BRK=0
FROM ANY STATE
Figure 2.2
L6238S
11/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com