Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6238S Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6238S
Description  12V SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6238S Datasheet HTML 2Page - STMicroelectronics L6238S Datasheet HTML 3Page - STMicroelectronics L6238S Datasheet HTML 4Page - STMicroelectronics L6238S Datasheet HTML 5Page - STMicroelectronics L6238S Datasheet HTML 6Page - STMicroelectronics L6238S Datasheet HTML 7Page - STMicroelectronics L6238S Datasheet HTML 8Page - STMicroelectronics L6238S Datasheet HTML 9Page - STMicroelectronics L6238S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =0 to 70
°C; VA =VPwr = 12V; Vlogic = 5V; unless otherwise
specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GENERAL
Vanalog
Analog Supply Voltage
10.5
13.5
V
Ianalog
Analog Supply Current
Run Mode VA = 13.5V
1.5
2.7
4.5
mA
Brake Mode VA = 13.5V
280
800
µA
Vlogic
Logic Supply Voltage
4.5
5.0
5.5
V
Ilogic
Logic Supply Current
Run Mode Vlogic = 5.5V
1
2
3.2
mA
Brake Mode
100
500
1000
µA
THERMAL SHUTDOWN
*Tsd
Shut Down Temperature
150
180
°C
*Thys
Recovery Temperature
Hysteresis
30
°C
*Tew
Early Warning Temperature
Tsd-25
°C
POWER STAGE
RDS(on)
Output ON Resistance per FET
Tj =25
°C; VA = 10.5V
Tj = 125
°C; VA = 10.5V
0.20
0.26
0.40
Ω
Ω
Io(leak)
Output Leakage Current
Vpwr = 15V
1
mA
VF
Body Diode Forward Drop
Im = 2.0A
1.5
V
dVo/dt
Output Slew Rate (Linear)
Rslew = 100K
Ω
0.15
0.30
0.45
V/
µs
Output Slew Rate (PWM)
10
150
V/
µs
Igt
Gate Drive for Ext. Power
DMOS
Vcontrol = 1V; Vsns = 0V;
VA = 10.5V
4.5
mA
VGate-Drive
Ext Driver Disable Voltage
0.7
V
VCtrl-Range
Voltage Control Input Range
0
5.0
V
Iin(VCtrl)
Voltage Control Input Current
10
µA
PWM OFF-TIME CONTROLLER (Rslew = 100K
Ω,Coff = 120pF)
Toff
OFF Time
9
11
14
µs
Vchrg
Capacitor Charge Voltage
VA = 10.5V
2.31
2.65
3.1
V
Vtrip
Lower Trip Threshold
1.25
V
PWM LIMIT TIMER
Ichrg
Capacitor Charge Current
VPWM Timer = 0V; VA = 10.5V
10.0
20.0
30
µA
Vchrg
Capacitor Charge Voltage
VA = 10.5V
3.0
3.5
4.0
mV
Vtrip
Lower Trip Threshold
100
400
V
BEMF AMPLIFIER
ZinCT
Center Tap Imput Impedance
20
30
40
K
Ω
VBemf
Minimum Bemf (Pk-Pk)
60
mV
CURRENT SENSE AMPLIFIER
Isnsin
Input Bias Current
VA = 13.5V
10
µA
Gv
Voltage Gain
3.8
4.0
4.2
V/V
SR
Slew Rate
0.33
0.8
V/
µs
L6238S
6/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com