Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6238S Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6238S
Description  12V SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238S Datasheet(HTML) 4 Page - STMicroelectronics

  L6238S Datasheet HTML 1Page - STMicroelectronics L6238S Datasheet HTML 2Page - STMicroelectronics L6238S Datasheet HTML 3Page - STMicroelectronics L6238S Datasheet HTML 4Page - STMicroelectronics L6238S Datasheet HTML 5Page - STMicroelectronics L6238S Datasheet HTML 6Page - STMicroelectronics L6238S Datasheet HTML 7Page - STMicroelectronics L6238S Datasheet HTML 8Page - STMicroelectronics L6238S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
PIN FUNCTIONS
PLCC44 PQFP44 TQFP64
Name
I/O
Function
1
39
56, 57
OUTPUT B
I/O
DMOS Half Bridge Output and Input B for Bemf sensing.
2
40
58
SPIN SENSE
O
Toggless at each Zero Crossing of the Bemf.
3
41
59
BRAKE DELAY
I
Energy Recovery time constant, defined by external R-C to ground.
4
42
60, 61
Rsense 1
O
Outputs A+B connections for the Motor Current Sense Resistor
to ground
5
43
62
CHARGE
PUMP 2
I
Negative Terminal of Pump Capacitor.
6, 7,
17, 29,
39, 40
1, 11,
23, 33,
34, 44
*
GROUND
S
Ground terminals.
8
2
4
CHARGE PUMP 1
I
Positive terminal of Pump Capacitor.
9
3
5
CHARGE PUMP 3
O
Positive terminal of Storage Capacitor.
10
4
6, 7
OUTPUT A
I/O
DMOS Half Bridge Output and Input A for Bemf sensing.
11, 42
5, 36
9, 10,
52, 53
Vpower
S
Power Section Supply Terminal.
12
6
11
Vanalog
S
12V supply.
13, 32
7, 26
8, 18,
19, 31,
41
N.C
N.C
Open Terminal
14
8
12
Tdly(0)
I
Three bits that set the Delay between the detection of the Bemf
zero crossing, and the commutation of the next Phase.
15
9
13
Tdly(1)
I
16
10
14
Tdly(2)
I
18
12
20
OTWARN
O
Overtemperature Warning Output
19
13
21
SELECT POLE
I
Selects # of Motor Poles. A zero selects 8, while a one selects 4
poles.
20
14
22
PWM TIMER
I
Capacitor connected to this pin sets the maximum time allowed
for 100% duty cycle during PWM operation
21
15
23
PWM/LINEAR
I
Selects PWM or Linear Output Current Control
22
16
24
OUTPUT
ENABLE
I
Tristates Power Output Stage when a logic zero.
23
17
25
SEQUENCE
I
Rising edge will initiate start-up. A Braking rountine is started
when this input is brought low.
24
18
26
SEQ
INCREMENT
I
A low to high transition on this pin increments the Output State
Sequencer.
25
19
27
SYSTEM CLK
I
Clock Frequency for the system timer/counters.
26
20
28
MONO/SEQ.
INC. CONTROL
I
A logic one will disable the Monotonicity Detector and Sequence
Increment functions.
27
21
29
Falign
I
Reference Frequency for the opt. Auto-Start Algorithm. If int.
start up is not used, this pin must be connected to the System
Clock.
28
22
30
PWM COMP
O
Output of the PWM Comparator
30
24
35
Vlogic
S
5V Logic Supply Voltage.
31
25
36
Fmotor
O
Motor Once-per-Revolution signal.
33
27
37
Vcontrol
I
Voltage at this input controls he Motor Current
34
28
38
CSA INPUT
I
Input to the Current Sense Amplifier.
35
29
39, 40
Rsense 2
O
Output C connection for the Motor Current Sense Resistor to
ground.
36
30
42, 43
OUTPUT C
I/O
DMOS Half Bridge Output and Input C for Bemf sensing.
37
31
44
gm COMP
I
A series RC network to ground that defines the compensation of
the Transconductance Loop.
L6238S
4/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com