Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6238S Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6238S
Description  12V SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6238S Datasheet HTML 9Page - STMicroelectronics L6238S Datasheet HTML 10Page - STMicroelectronics L6238S Datasheet HTML 11Page - STMicroelectronics L6238S Datasheet HTML 12Page - STMicroelectronics L6238S Datasheet HTML 13Page - STMicroelectronics L6238S Datasheet HTML 14Page - STMicroelectronics L6238S Datasheet HTML 15Page - STMicroelectronics L6238S Datasheet HTML 16Page - STMicroelectronics L6238S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
2) Closed Loop Start-Up - The Bemf voltage
zerocrossings provide timing information so that
the motor can be accelerated to steady state
speed.
3) Steady-State Operation - The Bemf voltage
zero-crossings provide timing information for pre-
cision speed control.
The L6238S contains features that offer flexible
control over the start-up procedure. Either the on-
board Auto-Start Algorithm can be used to control
the start-up sequence or more sophisticated ex-
tenal start-up algorithms can be developed using
the Serial Port and key control/sense functions
brought out to pins.
3.2 Auto-Start Algorithm
When initially powered up, the controller defaults
to the internal AutoStart Mode. When Run/Brake
is low, the L6238S is in brake mode, and the
Auto-Start Algorithm is reset. In the brake mode,
all of the lower DMOS drivers are ON, and the up-
per drivers are OFF.
The Auto-Start Algorithm is based on an Align &
Go approach and can be visualized by referring to
Figure 3-1. Shown are the Run/Brake control sig-
nals, sequencer function, and the three output
voltage waveforms.
Referring to figure 3-1, the following is the se-
quence of events during Auto-Start:
With Output Enable =1, Run/Brake =0
- State Machine is set to State 1 with the drivers
Trisatted.
Alignment Phase (1)
Run/Brake =1
- Output Stage is sequenced to State 2 and the
drivers energized with OUTPUT A high and
OUTPUT C low for 64/Falign seconds.
Alignment Phase (2)
- Output Stage is double sequenced to State 4
with OUTPUT B high and OUTPUT A low for
STATE 2
A=HIGH
B=FLOAT
C=LOW
STATE 4
A=LOW
B=HIGH
C=FLOAT
STATE 6
A=FLOAT
B=LOW
C=HIGH
500ms/DIV
* FALIGN=90Hz
AOUT
1
10V
BOUT
2
10V
COUT
3
10V
ALIGNMENT
GO
DOUBLE INCREMENTS
*0.711s
*2.133s
RUN/BRAKE
SEQUENCER
D95IN314
Figure 3-1: Align+Go
L6238S
13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com