Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6238S Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6238S
Description  12V SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6238S Datasheet HTML 17Page - STMicroelectronics L6238S Datasheet HTML 18Page - STMicroelectronics L6238S Datasheet HTML 19Page - STMicroelectronics L6238S Datasheet HTML 20Page - STMicroelectronics L6238S Datasheet HTML 21Page - STMicroelectronics L6238S Datasheet HTML 22Page - STMicroelectronics L6238S Datasheet HTML 23Page - STMicroelectronics L6238S Datasheet HTML 24Page - STMicroelectronics L6238S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
sistive network as shown in figure 4.12 can be
used to emulate the Bemf of the motor.
The actual Bemf zero-crossing is 30 electrical de-
grees (50% of a commutation interval) away from
the optimal switch point. A digital counter circuit
measures 50% of the previous interval to deter-
mine the next interval’s commutation delay from
the zero crossing. During the low RPM stages of
start up the long commutation intervals may
cause the counter to overflow, in which case 50%
of the max count will be less than 50% of the
ideal commutation interval. Therefore, the torque
will not be optimal until the desired commutation
interval is less than the dynamic range of the
counter.
4.9 Center Tap Protection
Spindle Motors with a high number of windings
exhibit a transformer coupling effect that in some
cases can cause relatively high currents to flow
through the center tap input.
Current flowing out of the center tap pin as high
as 25mA has been observed with certain motors.
Figure 4-12: Bemf Emulator
R1 1K
DS1
TO CENTER
TAP INPUT
D95IN317
Figure 4-13
Figure 4-11: Bemf Amplifier.
Vo
BEMF
-35
-25
0
25
35
ViBEMF(mV)
SLOPE=0
SLOPE=1
D95IN316
L6238S
21/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com