Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6238S Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6238S
Description  12V SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238S Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6238S Datasheet HTML 18Page - STMicroelectronics L6238S Datasheet HTML 19Page - STMicroelectronics L6238S Datasheet HTML 20Page - STMicroelectronics L6238S Datasheet HTML 21Page - STMicroelectronics L6238S Datasheet HTML 22Page - STMicroelectronics L6238S Datasheet HTML 23Page - STMicroelectronics L6238S Datasheet HTML 24Page - STMicroelectronics L6238S Datasheet HTML 25Page - STMicroelectronics L6238S Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
The high current flows from the grounded sub-
strate of the integrated circuit (p-type material),
through one or more epitaxial pockets (n-type ma-
terial) and out the center par pin.
This current can cause adverse operation of the
controllet due to substrate injection and might
possibility damage the internal metalization runs.
The normal current for this input is in the 200
µA
range.
Referring to figure 4-13, a simple protection
scheme consisting of a 1K resistor and a low cur-
rent Schottky diode should be added if the appli-
cation causes excessive current (i.e. >1mA) to
flow through the center tap pin.
5.0 PWM MOTOR CURRENT CONTROL
A unique feature of the L6238S in the optional
Pulse Width Modulation (PWM) control of motor
current.
Using Variable-frequency, Constant-OFF time
Current-Mode control, the L6238S can drive
higher power motors without the need for external
drivers, while minimizing internal power dissipa-
tion.
Additional benefits include reduced power supply
consumption (up to 50% savings) and lower watt-
age requirements for the current sensing resistor.
Constant-OFF time Current-Mode control, oper-
ates on the principle of monitoring the motor cur-
rent and comparison it to a reference or control
level.
When the motor current reaches this commanded
level, the output drivers turn OFF and remain
OFF for a Constant-OFF time. After this OFF time
the drivers turn back ON to repeat the cycle.
Figure 5.1 is a block diagram of the PWM control
circuitry. When using PWM as opposed to linear
control, two changes are made to the control
loop:
1.The slew rate control is disabled, allowing the
outputs to slew at a minimum rate of 10V/
µs.
This is accomplished by closing SW3 and
SW5.
2.The OTA amplifier is taken out of the control
loop via SW6. The lower drivers are now
driven into hard conduction by tying the gates
to the analog supply during the On time of the
PWM cycle.
The current in the motor windings is monitored via
the voltage dropped in the sensing resistor,
Rsense.
This voltage is multiplied by a factor of 4 in the
Current Sense Amplifier (CSA) and sent to nega-
tive input of the PWM Comparator (A2).
The control voltage, Vcontrol, is applied to the posi-
tive input of A2. When the output of the CSA
reaches a level that is equal to the commanded
level, the output of A2 switches low, toggling the
latch comprised of N1 and N2. This causes the
upper drivers to turn off and opens SW1. Q3 turns
OFF allowing the Constant-OFF time capacitors,
I1
Islew
VPUMP
SW2
1
0
Cfet
UPPER A
+
-
A1
PWM/SLEW
X4
A3
VPOWER
I2
Islew
SW3
1
0
Cfet
OUTPUT
BC
OUTA
L1
L2
L3
Q4
Q5
SLEW RATE
REFERENCE
CURRENT
RSLW
RSENSE
CSA
VCTRL
LOWER A
D95IN318
N3
Q1
Q2
VANALOG
3.1V
SW1
Q3
1.2V
SW5
N1
SW4
N2
A2
+
-
PWM/LIN
CONTROL
1
0
FROM TRANS. LOOP
CSA
SW6
V
ANALOG
COFF
RSLEW
Figure 5-1
L6238S
22/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com