Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822ARMZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD822ARMZ-R2
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822ARMZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD822ARMZ-R2 Datasheet HTML 1Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 2Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD822
Rev. G | Page 5 of 28
AD822 A Grade
AD822 B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Input Impedance
Differential
1013||0.5
1013||0.5
Ω||pF
Common Mode
1013||2.8
1013||2.8
Ω||pF
OUTPUT CHARACTERISTICS
Output Saturation Voltage2
VOL − VEE
ISINK = 20 μA
5
7
5
7
mV
TMIN to TMAX
10
10
mV
VCC − VOH
ISOURCE = 20 μA
10
14
10
14
mV
TMIN to TMAX
20
20
mV
VOL − VEE
ISINK = 2 mA
40
55
40
55
mV
TMIN to TMAX
80
80
mV
VCC − VOH
ISOURCE = 2 mA
80
110
80
110
mV
TMIN to TMAX
160
160
mV
VOL – VEE
ISINK = 15 mA
300
500
300
500
mV
TMIN to TMAX
1000
1000
mV
VCC − VOH
ISOURCE = 15 mA
800
1500
800
1500
mV
TMIN to TMAX
1900
1900
mV
Operating Output Current
15
15
mA
TMIN to TMAX
12
12
mA
Capacitive Load Drive
350
350
pF
POWER SUPPLY
Quiescent Current TMIN to TMAX
1.24
1.6
1.24
1.6
mA
Power Supply Rejection
VS+ = 5 V to 15 V
66
80
70
80
dB
TMIN to TMAX
66
70
dB
1 This is a functional specification. Amplifier bandwidth decreases when the input common-mode voltage is driven in the range (+VS − 1 V) to +VS. Common-mode effort
voltage is typically less than 5 mV with the common-mode voltage set at 1 V below the positive supply.
2 VOL − VEE is defined as the difference between the lowest possible output voltage (VOL) and the negative voltage supply rail (VEE). VCC − VOH is defined as the difference
between the highest possible output voltage (VOH) and the positive supply voltage (VCC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com