Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822ARMZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD822ARMZ-R2
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822ARMZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD822ARMZ-R2 Datasheet HTML 15Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 16Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 17Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 18Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 19Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 20Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 21Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 22Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD822
Rev. G | Page 19 of 28
(a)
GND
VIN
VOUT
5V
RP
90
100
10
0%
....
....
.... .... . ... ... . .... .... . ... ....
. ...
....
.... .... . ... .... .... .... . ... ....
1V
10µs
1V
(b)
GND
+Vs
90
100
10
0%
....
....
.... .... . ..
... .. . . .... . ... ....
....
....
.... . ... . ... .... .. . . .... . ... . ...
1V
10µs
1V
1V
Figure 42. (a) Response with RP = 0; VIN from 0 to +VS
(b) VIN = 0 to +VS + 200 mV
VOUT = 0 to + VS
RP = 49.9 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com