Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822ARMZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD822ARMZ-R2
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822ARMZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD822ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 11Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 12Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 13Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 14Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 15Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD822
Rev. G | Page 12 of 28
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation1
PDIP (N)
Observe derating curves
SOIC (R)
Observe derating curves
Input Voltage
(+VS + 0.2 V) to
−(20 V + VS)
Output Short Circuit Duration
Indefinite
Differential Input Voltage
±30 V
Storage Temperature Range (N)
–65°C to +125°C
Storage Temperature Range (R, RM)
–65°C to +150°C
Operating Temperature Range
AD822 A Grade and B Grade
–40°C to +85°C
Lead Temperature Range
(Soldering, 60 sec)
260°C
1 8-lead PDIP package: θJA = 90°C/W.
8-lead SOIC package: θJA = 160°C/W.
8-lead MSOP package: θJA = 190°C/W.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD822 is limited by the associated rise in junction temperature.
For plastic packages, the maximum safe junction temperature is
145°C. If these maximums are exceeded momentarily, proper
circuit operation is restored as soon as the die temperature is
reduced. Leaving the device in the overheated condition for an
extended period can result in device burnout. To ensure proper
operation, it is important to observe the derating curves shown
in Figure 27.
While the AD822 is internally short-circuit protected, this may
not be sufficient to guarantee that the maximum junction
temperature is not exceeded under all conditions. With power
supplies ±12 V (or less) at an ambient temperature of 25°C or
less, if the output node is shorted to a supply rail, then the
amplifier is not destroyed, even if this condition persists for an
extended period.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com