Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822ARMZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD822ARMZ-R2
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822ARMZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD822ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 11Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 12Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 13Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 14Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD822
Rev. G | Page 11 of 28
Parameter
Conditions
Typ
Unit
OUTPUT CHARACTERISTICS
Output Saturation Voltage1
VOL − VEE
ISINK = 20 μA
5
mV
VCC − VOH
ISOURCE = 20 μA
10
mV
VOL − VEE
ISINK = 2 mA
40
mV
VCC − VOH
ISOURCE = 2 mA
80
mV
VOL − VEE
ISINK = 10 mA
200
mV
VCC − VOH
ISOURCE = 10 mA
500
mV
Capacitive Load Drive
350
pF
POWER SUPPLY
Quiescent Current
1.24
mA
TMIN to TMAX
Power Supply Rejection
VS+ = 3 V to 15 V
80
dB
TMIN to TMAX
1 VOL − VEE is defined as the difference between the lowest possible output voltage (VOL) and the negative voltage supply rail (VEE). VCC − VOH is defined as the difference
between the highest possible output voltage (VOH) and the positive supply voltage (VCC). Specifications are TMIN to TMAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com