Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822ARMZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD822ARMZ-R2
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822ARMZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD822ARMZ-R2 Datasheet HTML 16Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 17Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 18Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 19Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 20Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 21Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 22Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 23Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD822
Rev. G | Page 20 of 28
APPLICATION NOTES
INPUT CHARACTERISTICS
In the AD822, n-channel JFETs are used to provide a low offset,
low noise, high impedance input stage. Minimum input
common-mode voltage extends from 0.2 V below −VS to 1 V
less than +VS. Driving the input voltage closer to the positive
rail causes a loss of amplifier bandwidth (as can be seen by
comparing the large signal responses shown in Figure 34 and
Figure 37) and increased common-mode voltage error as
illustrated in Figure 20.
The AD822 does not exhibit phase reversal for input voltages up
to and including +VS. Figure 42 shows the response of an
AD822 voltage follower to a 0 V to 5 V (+VS) square wave input.
The input and output are superimposed. The output tracks the
input up to +VS without phase reversal. The reduced bandwidth
above a 4 V input causes the rounding of the output waveform.
For input voltages greater than +VS, a resistor in series with the
AD822’s noninverting input prevents phase reversal, at the
expense of greater input voltage noise. This is illustrated in
Figure 42.
Since the input stage uses n-channel JFETs, input current
during normal operation is negative; the current flows out from
the input terminals. If the input voltage is driven more positive
than +VS – 0.4 V, then the input current reverses direction as
internal device junctions become forward biased. This is
illustrated in Figure 7.
A current limiting resistor should be used in series with the
input of the AD822 if there is a possibility of the input voltage
exceeding the positive supply by more than 300 mV, or if an
input voltage is applied to the AD822 when ±VS = 0. The
amplifier is damaged if left in that condition for more than
10 seconds. A 1 kΩ resistor allows the amplifier to withstand up
to 10 V of continuous overvoltage and increases the input
voltage noise by a negligible amount.
Input voltages less than –VS are a completely different story. The
amplifier can safely withstand input voltages 20 V below the
negative supply voltage as long as the total voltage from the
positive supply to the input terminal is less than 36 V. In
addition, the input stage typically maintains picoampere (pA)
level input currents across that input voltage range.
The AD822 is designed for 13 nV/√Hz wideband input voltage
noise and maintains low noise performance to low frequencies
(refer to Figure 14). This noise performance, along with the
AD822’s low input current and current noise, means that the
AD822 contributes negligible noise for applications with source
resistances greater than 10 kΩ and signal bandwidths greater
than 1 kHz. This is illustrated in Figure 43.
100k
0.1
10k
1k
100
10
1
WHENEVER JOHNSON NOISE IS GREATER THAN
AMPLIFIER NOISE, AMPLIFIER NOISE CAN BE
CONSIDERED NEGLIGIBLE FOR APPLICATION.
1kHz
AMPLIFIER-GENERATED
NOISE
10Hz
10k
100k
1M
10M
100M
1G
10G
SOURCE IMPEDANCE (Ω)
RESISTOR JOHNSON
NOISE
Figure 43. Total Noise vs. Source Impedance
OUTPUT CHARACTERISTICS
The AD822’s unique bipolar rail-to-rail output stage swings within
5 mV of the negative supply and 10 mV of the positive supply with
no external resistive load. The AD822’s approximate output
saturation resistance is 40 Ω sourcing and 20 Ω sinking. This can be
used to estimate output saturation voltage when driving heavier
current loads. For instance, when sourcing 5 mA, the saturation
voltage to the positive supply rail is 200 mV; when sinking 5 mA,
the saturation voltage to the negative rail is 100 mV.
The amplifier’s open-loop gain characteristic changes as a
function of resistive load, as shown in Figure 10 to Figure 13.
For load resistances over 20 kΩ, the AD822’s input error voltage
is virtually unchanged until the output voltage is driven to
180 mV of either supply.
If the AD822’s output is overdriven so as to saturate either of
the output devices, the amplifier recovers within 2 μs of its
input returning to the amplifier’s linear operating region.
Direct capacitive loads interact with the amplifier’s effective
output impedance to form an additional pole in the amplifier’s
feedback loop, which can cause excessive peaking on the pulse
response or loss of stability. Worst case is when the amplifier is
used as a unity gain follower. Figure 44 shows the AD822’s pulse
response as a unity gain follower driving 350 pF. This amount of
overshoot indicates approximately 20° of phase margin—the
system is stable, but nearing the edge. Configurations with less
loop gain, and as a result less loop bandwidth, are much less
sensitive to capacitance load effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com