Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822ARMZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD822ARMZ-R2
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822ARMZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD822ARMZ-R2 Datasheet HTML 17Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 18Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 19Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 20Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 21Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 22Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 23Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 24Page - Analog Devices AD822ARMZ-R2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD822
Rev. G | Page 21 of 28
90
... .
....
.... .... .... .... .... .... .... . ...
....
....
.... . ... . ... .... .... .... .... . ...
100
0%
10
20mV
2µs
Figure 46 shows a method for extending capacitance load drive
capability for a unity gain follower. With these component
values, the circuit drives 5000 pF with a 10% overshoot.
20pF
100Ω
20kΩ
8
4
VIN
+VS
0.01µF
VOUT
0.01µF
CL
1/2
AD822
+
–
–VS
Figure 44. Small Signal Response of AD822 as
Unity Gain Follower Driving 350 pF
Figure 46. Extending Unity Gain Follower Capacitive Load Capability
Beyond 350 pF
Figure 45 is a plot of capacitive load that results in a 20° phase
margin vs. noise gain for the AD822. Noise gain is the inverse of
the feedback attenuation factor provided by the feedback
network in use.
1
2
3
4
5
300
1k
3k
10k
30k
CAPACITIVE LOAD FOR 20° PHASE MARGIN (pF)
R1
RF
CL
Figure 45. Capacitive Load Tolerance vs. Noise Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com