Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235D Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6235D
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6235D Datasheet HTML 7Page - STMicroelectronics L6235D Datasheet HTML 8Page - STMicroelectronics L6235D Datasheet HTML 9Page - STMicroelectronics L6235D Datasheet HTML 10Page - STMicroelectronics L6235D Datasheet HTML 11Page - STMicroelectronics L6235D Datasheet HTML 12Page - STMicroelectronics L6235D Datasheet HTML 13Page - STMicroelectronics L6235D Datasheet HTML 14Page - STMicroelectronics L6235D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11/25
L6235
Figure 10 shows the lower limit for the On Time tON for having a good PWM current regulation capacity. It has
to be said that tON is always bigger than tON(MIN) because the device imposes this condition, but it can be smaller
than tRCRISE - tDT. In this last case the device continues to work but the Off Time tOFF is not more constant.
So, small COFF value gives more flexibility for the applications (allows smaller On Time and, therefore, higher
switching frequency), but, the smaller is the value for COFF, the more influential will be the noises on the circuit
performance.
Figure 9. tOFF versus COFF and ROFF.
Figure 10. Area where tON can vary maintaining the PWM regulation.
0.1
1
10
100
1
10
100
1.10
3
1.10
4
Coff [nF]
Roff = 100kΩ
Roff = 47kΩ
Roff = 20kΩ
0.1
1
10
100
1
10
100
Coff [nF]
1.5
µs (typ. value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com