Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235D Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6235D
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6235D Datasheet HTML 12Page - STMicroelectronics L6235D Datasheet HTML 13Page - STMicroelectronics L6235D Datasheet HTML 14Page - STMicroelectronics L6235D Datasheet HTML 15Page - STMicroelectronics L6235D Datasheet HTML 16Page - STMicroelectronics L6235D Datasheet HTML 17Page - STMicroelectronics L6235D Datasheet HTML 18Page - STMicroelectronics L6235D Datasheet HTML 19Page - STMicroelectronics L6235D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
L6235
16/25
NON-DISSIPATIVE OVERCURRENT DETECTION and PROTECTION
The L6235 integrates an Overcurrent Detection Circuit (OCD) for full protection. This circuit provides Output-to-
Output and Output-to-Ground short circuit protection as well. With this internal over current detection, the exter-
nal current sense resistor normally used and its associated power dissipation are eliminated. Figure 17 shows
a simplified schematic for the overcurrent detection circuit.
To implement the over current detection, a sensing element that delivers a small but precise fraction of the out-
put current is implemented with each High Side power MOS. Since this current is a small fraction of the output
current there is very little additional power dissipation. This current is compared with an internal reference cur-
rent IREF. When the output current reaches the detection threshold (typically ISOVER = 5.6A) the OCD compar-
ator signals a fault condition. When a fault condition is detected, an internal open drain MOS with a pull down
capability of 4mA connected to pin DIAG is turned on.
The pin DIAG can be used to signal the fault condition to a
µC or to shut down the Three-Phase Bridge simply
by connecting it to pin EN and adding an external R-C (see REN, CEN).
Figure 17. Overcurrent Protection Simplified Schematic
Figure 18 shows the Overcurrent Detetection operation. The Disable Time tDISABLE before recovering normal
operation can be easily programmed by means of the accurate thresholds of the logic inputs. It is affected
whether by CEN and REN values and its magnitude is reported in Figure 19. The Delay Time tDELAY before turn-
ing off the bridge when an overcurrent has been detected depends only by CEN value. Its magnitude is reported
in Figure 20.
CEN is also used for providing immunity to pin EN against fast transient noises. Therefore the value of CEN
should be chosen as big as possible according to the maximum tolerable Delay Time and the REN value should
be chosen according to the desired Disable Time.
The resistor REN should be chosen in the range from 2.2KΩ to 180KΩ. Recommended values for REN and CEN
are respectively 100K
Ω and 5.6nF that allow obtaining 200µs Disable Time.
+
OVER TEMPERATURE
IREF
IREF
I1+I2 / n
I1 / n
HIGH SIDE DMOS
POWER SENSE
1 cell
POWER SENSE
1 cell
POWER SENSE
1 cell
POWER DMOS
n cells
POWER DMOS
n cells
POWER DMOS
n cells
HIGH SIDE DMOS
HIGH SIDE DMOS
OUT1
OUT2
VSA
OUT3
VSB
I1
I2
I3
I2/ n
I3/ n
OCD
COMPARATOR
TO GATE
LOGIC
INTERNAL
OPEN-DRAIN
RDS(ON)
40
Ω TYP.
CEN
REN
DIAG
EN
VDD
µC or LOGIC
D02IN1381



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com