Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235D Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6235D
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6235D Datasheet HTML 10Page - STMicroelectronics L6235D Datasheet HTML 11Page - STMicroelectronics L6235D Datasheet HTML 12Page - STMicroelectronics L6235D Datasheet HTML 13Page - STMicroelectronics L6235D Datasheet HTML 14Page - STMicroelectronics L6235D Datasheet HTML 15Page - STMicroelectronics L6235D Datasheet HTML 16Page - STMicroelectronics L6235D Datasheet HTML 17Page - STMicroelectronics L6235D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
L6235
14/25
TACHO
A tachometer function consists of a monostable, with constant off time (tPULSE), whose input is one Hall Effect
signal (H1). It allows developing an easy speed control loop by using an external op amp, as shown in Figure
14. For component values refer to Application Information section.
The monostable output drives an open drain output pin (TACHO). At each rising edge of the Hall Effect Sensors
H1, the monostable is triggered and the MOSFET connected to pin TACHO is turned off for a constant time
tPULSE (see Figure 15). The off time tPULSE can be set using the external RC network (RPUL, CPUL) connected
to the pin RCPULSE. Figure 16 gives the relation between tPULSE and CPUL, RPUL. We have approximately:
tPULSE = 0.6 · RPUL · CPUL
where CPUL should be chosen in the range 1nF … 100nF and RPUL in the range 20KΩ … 100KΩ.
By connecting the tachometer pin to an external pull-up resistor, the output signal average value VM is propor-
tional to the frequency of the Hall Effect signal and, therefore, to the motor speed. This realizes a simple Fre-
quency-to-Voltage Converter. An op amp, configured as an integrator, filters the signal and compares it with a
reference voltage VREF, which sets the speed of the motor.
Figure 14. Tacho Operation Waveforms.
V
M
t
PULS E
T
------------------ V
DD
⋅
=
T
t PULSE
H1
VTACHO
H2
H3
VM
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com