Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235D Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6235D
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6235D Datasheet HTML 11Page - STMicroelectronics L6235D Datasheet HTML 12Page - STMicroelectronics L6235D Datasheet HTML 13Page - STMicroelectronics L6235D Datasheet HTML 14Page - STMicroelectronics L6235D Datasheet HTML 15Page - STMicroelectronics L6235D Datasheet HTML 16Page - STMicroelectronics L6235D Datasheet HTML 17Page - STMicroelectronics L6235D Datasheet HTML 18Page - STMicroelectronics L6235D Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15/25
L6235
Figure 15. Tachometer Speed Control Loop.
Figure 16. tPULSE versus CPUL and RPUL.
CREF2
RPUL
CPUL
RDD
R3
R2
R1
C1
CREF1
VREF
TACHO
H1
TACHO
MONOSTABLE
RCPULSE
VDD
VREF
R4
1
10
100
10
100
1 .10
3
1 .10
4
Cpul [nF]
RPUL = 100kΩ
RPUL = 47kΩ
RPUL = 20kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com