Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6235D
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6235D Datasheet HTML 2Page - STMicroelectronics L6235D Datasheet HTML 3Page - STMicroelectronics L6235D Datasheet HTML 4Page - STMicroelectronics L6235D Datasheet HTML 5Page - STMicroelectronics L6235D Datasheet HTML 6Page - STMicroelectronics L6235D Datasheet HTML 7Page - STMicroelectronics L6235D Datasheet HTML 8Page - STMicroelectronics L6235D Datasheet HTML 9Page - STMicroelectronics L6235D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
L6235
6/25
(6) Tested at 25°C in a restricted range and guaranteed by characterization.
(7) See Fig. 1.
(8) Measured applying a voltage of 1V to pin SENSE and a voltage drop from 2V to 0V to pin VREF.
(9) See Fig. 2.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Switching Characteristics
tD(on)EN
Enable to out turn-ON delay time (7) ILOAD = 2.8 A, Resistive Load
110
250
400
ns
tD(off)EN
Enable to out turn-OFF delay time (7)
ILOAD = 2.8 A, Resistive Load
300
550
800
ns
tD(on)IN
Other Logic Inputs to Output Turn-
ON delay Time
ILOAD = 2.8 A, Resistive Load
2
µs
tD(off)IN
Other Logic Inputs to out Turn-OFF
delay Time
ILOAD = 2.8 A, Resistive Load
2
µs
tRISE
Output Rise Time (7)
ILOAD = 2.8 A, Resistive Load
40
250
ns
tFALL
Output Fall Time (7)
ILOAD = 2.8 A, Resistive Load
40
250
ns
tDT
Dead Time
0.5
1
µs
fCP
Charge Pump Frequency
Tj = -25 to 125°C (6)
0.6
1
MHz
PWM Comparator and Monostable
IRCOFF
Source current at pin RCOFF
VRCOFF = 2.5 V
3.5
5.5
mA
VOFFSET Offset Voltage on Sense
Comparator
Vref = 0.5 V
±5
mV
tprop
Turn OFF Propagation delay (8)
Vref = 0.5 V
500
ns
tblank
Internal Blanking Time on Sense
Comparator
1µs
tON(min)
Minimum on Time
1.5
2
µs
tOFF
PWM RecirculationTime
ROFF= 20kΩ ; COFF =1nF
13
µs
ROFF= 100kΩ ; COFF =1nF
61
µs
IBIAS
Input Bias Current at pin VREF
10
µA
Tacho Monostable
IRCPULSE Source Current at pin RCPULSE
VRCPULSE = 2.5V
3.5
5.5
mA
tPULSE
Monostable of Time
RPUL = 20kΩ ; CPUL =1nF
12
µs
RPUL = 100kΩ ; CPUL =1nF
60
µs
RTACHO Open Drain ON Resistance
40
60
Over Current Detection & Protection
ISOVER
Supply Overcurrent Protection
Threshold
TJ = -25 to 125°C
(6)
4.0
5.6
7.1
A
ROPDR
Open Drain ON Resistance
IDIAG = 4mA
40
60
IOH
OCD high level leakage current
VDIAG = 5V
1
µA
tOCD(ON) OCD Turn-ON Delay Time (9)
IDIAG = 4mA; CDIAG < 100pF
200
ns
tOCD(OFF) OCD Turn-OFF Delay Time (9)
IDIAG = 4mA; CDIAG < 100pF
100
ns
ELECTRICAL CHARACTERISTICS (continued)
(VS = 48V , Tamb = 25 °C , unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com