Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235D Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6235D
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6235D Datasheet HTML 9Page - STMicroelectronics L6235D Datasheet HTML 10Page - STMicroelectronics L6235D Datasheet HTML 11Page - STMicroelectronics L6235D Datasheet HTML 12Page - STMicroelectronics L6235D Datasheet HTML 13Page - STMicroelectronics L6235D Datasheet HTML 14Page - STMicroelectronics L6235D Datasheet HTML 15Page - STMicroelectronics L6235D Datasheet HTML 16Page - STMicroelectronics L6235D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13/25
L6235
Table 2. 60 and 120 Electrical Degree Decoding Logic in Forward Direction.
Figure 12. 120° Hall Sensor Sequence.
Figure 13. 60° Hall Sensor Sequence.
Hall 120°
1
2
3a
-
4
5
6a
-
Hall 60°
1
2
-
3b
4
5
-
6b
H1
HH
L
H
L
L
H
L
H2
LH
H
H
H
L
L
L
H3
LL
L
H
H
H
H
L
OUT1
Vs
High Z
GND
GND
GND
High Z
Vs
Vs
OUT2
High Z
Vs
Vs
Vs
High Z
GND
GND
GND
OUT3
GND
GND
High Z
High Z
Vs
Vs
High Z
High Z
Phasing
1->3
2->3
2->1
2->1
3->1
3->2
1->2
1->2
H1
H2
H2
H2
H2
H2
H3
H3
H3
H3
H3
H1
H1
H1
H1
H3
H2
H1
1
2
3a
4
5
6a
= H
= L
H1
H1
H2
H2
H2
H2
H2
H3
H3
H3
H3
H3
H1
H1
H1
H1
H3
H2
1
2
3b
4
5
6b
= H
= L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com