Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 15Page - National Semiconductor (TI) LM81 Datasheet HTML 16Page - National Semiconductor (TI) LM81 Datasheet HTML 17Page - National Semiconductor (TI) LM81 Datasheet HTML 18Page - National Semiconductor (TI) LM81 Datasheet HTML 19Page - National Semiconductor (TI) LM81 Datasheet HTML 20Page - National Semiconductor (TI) LM81 Datasheet HTML 21Page - National Semiconductor (TI) LM81 Datasheet HTML 22Page - National Semiconductor (TI) LM81 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Functional Description (Continued)
8.0 TEMPERATURE MEASUREMENT SYSTEM
The LM81 temperature sensor and ADC produce 9-bit or
12-bit two’s-complement temperature data. A digital com-
parator
compares
the
temperature
data
to
the
user-programmable High, Low, Critical setpoints and Hyster-
esis values.
8.1 Temperature Data Format
Temperature data can be read from the Temperature, T
HIGH
setpoint, T
HIHYST setpoint, TLOW setpoint, TC setpoint and
T
HYST Offset registers; and written to the THIGH setpoint,
T
HIHYST,TLOW setpoint, T_CRIT setpoint and THYST offset
registers. T
HIGH setpoint, TLOW setpoint, T_CRIT setpoint
temperature data is represented by an 8-bit, two’s comple-
ment word with an LSB (Least Significant Bit) equal to 1˚C:
Temperature
Digital Output
Binary
Hex
+125˚C
0111 1101
7Dh
+25˚C
0001 1001
19h
+1.0˚C
0000 0001
01h
+0˚C
0000 0000
00h
−1.0˚C
1111 1111
FFh
−25˚C
1110 0111
E7h
−40˚C
1101 1000
D8h
By default Temperature Register data is represented by a
9-bit two’s complement digital word with the LSB having a
resolution of 0.5˚C:
Temperature
Digital Output
Binary
Hex
+125˚C
0 1111 1010
0 FAh
+25˚C
0 0011 0010
0 32h
+1.5˚C
0 0000 0011
0 03h
+0˚C
0 0000 0000
0 00h
−0.5˚C
1 1111 1111
1 FFh
−25˚C
1 1100 1110
1 CEh
−40˚C
1 1011 0000
1 B0h
In the extended mode temperature Register data can also be
represented by a 12-bit two’s complement digital word with
an LSB of 0.0625˚C:
Temperature
Digital Output
Binary
Hex
+125˚C
0111 1100 0000
7 D0h
+25˚C
0001 1001 0000
1 90h
+1.0˚C
0000 0001 0000
0 10h
+0.0625˚C
0000 0000 0001
0 01h
0˚C
0000 0000 0000
0 00h
−0.0625˚C
1111 1111 1111
F FFh
−1.0˚C
1111 1111 0000
F F0h
−25˚C
1110 0111 0000
E 70h
−40˚C
1101 1000 0000
D 80h
T
HYST Offset temperature data is represented by a 3-bit word
with an LSB (Least Significant Bit) equal to 1˚C.
DS100072-24
(Non-Linear Scale for Clarity)
FIGURE 9. 9-bit Temperature-to-Digital Transfer
Function
DS100072-27
(Non-Linear Scale for Clarity)
FIGURE 10. 12-bit Temperature-to-Digital Transfer
Function
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com