Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM81 Datasheet HTML 1Page - National Semiconductor (TI) LM81 Datasheet HTML 2Page - National Semiconductor (TI) LM81 Datasheet HTML 3Page - National Semiconductor (TI) LM81 Datasheet HTML 4Page - National Semiconductor (TI) LM81 Datasheet HTML 5Page - National Semiconductor (TI) LM81 Datasheet HTML 6Page - National Semiconductor (TI) LM81 Datasheet HTML 7Page - National Semiconductor (TI) LM81 Datasheet HTML 8Page - National Semiconductor (TI) LM81 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage (V
+)
+6.0V
Voltage on Any Input or Output Pin:
+12Vin, T_CRIT_A
−0.3V to +15V
A0, A1, DACOut
−0.3V to (V
++ 0.3V)
+2.5Vin, +3.3Vin
(Note 3)
All other pins
−0.3V to +6V
Input Current at any Pin (Note 4)
±5mA
Package Input Current (Note 4)
±20 mA
Maximum Junction Temperature
(T
J max)
150˚C
ESD Susceptibility (Note 6)
Human Body Model
2000V
Machine Model
200V
Soldering Information
MTC Package (Note 7) :
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
T
MIN ≤ TA ≤ TMAX
LM81
−40˚C
≤ T
A ≤ +125˚C
Specified Temperature Range
T
MIN ≤ TA ≤ TMAX
LM81
−40˚C
≤ T
A ≤ +125˚C
Junction to Ambient Thermal Resistance (
θ
JA (Note 5))
NS Package Number: MTC24B
95˚C/W
Supply Voltage (V
+)
+2.8V to +3.8V
V
IN Voltage Range:
+12Vin
−0.05V to +15V
+5Vin
−0.05V to +6.8V
+3.3Vin
−0.05V to +4.6V
+2.5Vin
−0.05V to +3.6V
VID0 - VID4, Vccp, FAN1-FAN2
−0.05V to +6.0V
All other inputs
−0.05V to (V
+ + 0.05V)
DC Electrical Characteristics
The following specifications apply for +2.8V
DC ≤ V
+
≤ +3.8V
DC,RS = 500Ω, unless otherwise specified. Boldface limits apply
for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Note 8)
Symbol
Parameter
Conditions
Typical
Limits
LM81BIM
Limits
LM81CIM
Units
(Note 9)
(Note 10)
(Note 10)
(Limits)
POWER SUPPLY CHARACTERISTICS
I
+
Supply Current
Interface Inactive
0.4
1.4
0.9
mA (max)
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS
Error
−40˚C
≤ T
A ≤ +125˚C
±3
±3
˚C (max)
Resolution
9-bit mode
12-bit mode
0.5
0.0625
0.5
0.0625
˚C (min)
˚C (min)
LM81 ANALOG-TO-DIGITAL CONVERTER CHARACTERISTICS
Resolution
8
bits
TUE
Total
Unadjusted
Error
+2.5Vin,
+3.3Vin,
+5Vin
(Notes 11, 12)
+1.2
−1.2
+2
+0.8
% (max)
% (min)
Vccp1,
Vccp2
(Note 11)
+1.2
−1.2
+2.4
0
% (max)
% (min)
+12Vin
(Notes 11, 12)
+1.2
−1.2
+3.1
+1.2
% (max)
% (min)
DNL
Differential Non-Linearity
±1
±1
LSB (max)
PSS
Power Supply Sensitivity
±0.4
%/V
t
C
Total Monitoring Cycle Time
(Note 13)
9-bit Temp Resolution
12-bit Temp Resolution
0.4
0.82
1.2
0.82
1.2
sec
sec (max)
sec (max)
ADC INPUT CHARACTERISTICS
Input Resistance (All analog
inputs except Vccp1 and Vccp2)
115
90
90
k
Ω (min)
Vccp1 and Vccp2 DC Input
Current
±1µA
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com