Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 2Page - National Semiconductor (TI) LM81 Datasheet HTML 3Page - National Semiconductor (TI) LM81 Datasheet HTML 4Page - National Semiconductor (TI) LM81 Datasheet HTML 5Page - National Semiconductor (TI) LM81 Datasheet HTML 6Page - National Semiconductor (TI) LM81 Datasheet HTML 7Page - National Semiconductor (TI) LM81 Datasheet HTML 8Page - National Semiconductor (TI) LM81 Datasheet HTML 9Page - National Semiconductor (TI) LM81 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
DC Electrical Characteristics (Continued)
The following specifications apply for +2.8V
DC ≤ V
+
≤ +3.8V
DC,RS = 500Ω, unless otherwise specified. Boldface limits apply
for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Note 8)
Symbol
Parameter
Conditions
Typical
Limits
LM81BIM
Limits
LM81CIM
Units
(Note 9)
(Note 10)
(Note 10)
(Limits)
DAC CHARACTERISTICS
Resolution
8
Bits
DAC Error
V
+ = 3.3V
±5
±62.5
±10
±125
±5
±62.5
% (max)
mV (max)
% (max)
mV (max)
DAC Error Temperature
Sensitivity
100
100
ppm/˚C (max)
DAC Error Power Supply
Sensitivity
0.5
0.725
% (max)
R
L
Output Load Resistance
V
O = 1.25V
625
625
Ω (min)
C
L
Output Load Capacitance
20
20
pF (max)
FAN RPM-TO-DIGITAL CONVERTER
Fan RPM Error
+25˚C
≤ T
A ≤ +75˚C
±10
±10
% (max)
−10˚C
≤ T
A ≤ +100˚C
±15
±15
% (max)
−40˚C
≤ T
A ≤ +125˚C
±20
±20
% (max)
Full-scale Count
255
255
(max)
FAN1 and FAN2 Nominal Input
RPM (See
Section 6.0)
Divisor = 1, Fan Count =
153 (Note 14)
8800
RPM
Divisor = 2, Fan Count =
153 (Note 14)
4400
RPM
Divisor = 3, Fan Count =
153 (Note 14)
2200
RPM
Divisor = 4, Fan Count =
153 (Note 14)
1100
RPM
Internal Clock Frequency
+25˚C
≤ T
A ≤ +75˚C
22.5
20.2
20.2
kHz (min)
24.8
24.8
kHz (max)
−10˚C
≤ T
A ≤ +100˚C
22.5
19.1
19.1
kHz (min)
25.9
25.9
kHz (max)
−40˚C
≤ T
A ≤ +125˚C
22.5
18
27
18
27
kHz (min)
kHz (max)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com