Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 25Page - National Semiconductor (TI) LM81 Datasheet HTML 26Page - National Semiconductor (TI) LM81 Datasheet HTML 27Page - National Semiconductor (TI) LM81 Datasheet HTML 28Page - National Semiconductor (TI) LM81 Datasheet HTML 29Page - National Semiconductor (TI) LM81 Datasheet HTML 30Page - National Semiconductor (TI) LM81 Datasheet HTML 31Page - National Semiconductor (TI) LM81 Datasheet HTML 32Page - National Semiconductor (TI) LM81 Datasheet HTML 33Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Functional Description (Continued)
13.10 VID/Fan Divisor Register — Address 47h
Power on default – <7:4> is 0101, and <3:0>is mapped to VID <3:0>
Bit
Name
Read/Write
Description
0-3
VID <3:0>
Read Only
The VID <3:0> inputs from the Pentium/PRO power supplies that indicate the
operating voltage (e.g. 1.5V to 2.9V).
4-5
FAN1 RPM
Control
Read/Write
FAN1 Speed Control.
<5:4> = 00 - divide by 1;
<5:4> = 01 - divide by 2;
<5:4> = 10 - divide by 4;
<5:4> = 11 - divide by 8.
6-7
FAN2 RPM
Control
Read/Write
FAN2 Speed Control.
<7:6> = 00 - divide by 1;
<7:6> = 01 - divide by 2;
<7:6> = 10 - divide by 4;
<7:6> = 11 - divide by 8.
13.11 Serial Bus Address Register — Address 48h
Power on default – Serial Bus address <6:0> = 010 11(A1)(A0) and <7> = 0 binary
Bit
Name
Read/Write
Description
0-1
Serial Bus
Address
Read Only
Serial Bus address <1:0> =A1 A0
2-6
Serial Bus
Address
Read/Write
Serial Bus address <6:2> = 010 11
7
Reserved
Read/Write
13.12 VID4 Register — Address 49h
Power on default – <7:1> = 100 000, <0> = VID4.
Bit
Name
Read/Write
Description
0
VID4
Read Only
VID4 input from Pentium/PRO power supply that indicate the operating voltage of
the processor (e.g. 1.5V to 2.9V).
1-7
Reserved
Read/Write
13.13 Temperature Configuration Register — Address 4Bh
Power on default – <7:0> = 0000 0001 binary
Bit
Name
Read/Write
Description
0-1
Temperature
Interrupt Mode
Select Bits
Read/Write
The state of these bits select the interrupt mode for INT as described below.
<1:0> =00 or <1:0> = 11: Repetitive Interrupt Mode
<1:0> = 01: One-Time Interrupt Mode
<1:0> = 10: Comparator Mode
2-6
Reserved
Read/Write
7
Temperature
Resolution
Read Only
For 8-bit plus sign temperature resolution: <7> = LSB ( 0.5˚C)
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com