Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM81 Datasheet HTML 1Page - National Semiconductor (TI) LM81 Datasheet HTML 2Page - National Semiconductor (TI) LM81 Datasheet HTML 3Page - National Semiconductor (TI) LM81 Datasheet HTML 4Page - National Semiconductor (TI) LM81 Datasheet HTML 5Page - National Semiconductor (TI) LM81 Datasheet HTML 6Page - National Semiconductor (TI) LM81 Datasheet HTML 7Page - National Semiconductor (TI) LM81 Datasheet HTML 8Page - National Semiconductor (TI) LM81 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Pin Description (Continued)
Pin
Name(s)
Pin
Number
Number
of Pins
Type
Description
INT
10
1
Digital Output
Interrupt active low open-drain output. This output is enabled when
Bit 1 in the Configuration Register is set to 1. The default state is
disabled.
DACOut/NTEST_IN
11
1
Analog
Output/Digital
Input
0V to +1.25V amplitude 8-bit DAC output. When forced high by an
external voltage the NAND Tree Test mode is enabled which
provides board-level connectivity testing. Refer to Section 11.0 on
NAND Tree testing.
RESET
12
1
Digital I/O
Master Reset, 5 mA driver (open-drain), active low output with a
20 ms minimum pulse width. Available when enabled via Bit 4 in
the Configuration register. It acts as an active low power on
RESET input.
GND
13
1
GROUND
Internally connected to all circuitry. The ground reference for all
analog inputs and the DAC output. This pin needs to be
connected to a low noise analog ground plane for optimum
performance of the DAC output.
Vccp2
14
1
Analog Input
Analog input for monitoring −12V or Vccp2. Selectable by
choosing the appropriate external resistor divider values such that
the input to the LM81 is scaled to +2.5V. See
Section 4.0.
+12Vin
15
1
Analog Input
Analog input for monitoring +12V.
+5Vin
16
1
Analog Input
Analog input for monitoring +5V.
+3.3Vin
17
1
Analog Input
Analog input for monitoring +3.3V.
+2.5Vin
18
1
Analog Input
Analog input for monitoring +2.5V.
Vccp1
19
1
Analog Input
Analog input for monitoring Vccp, a processor voltage that is
nominally at +2.5V.
VID4-VID0
20-24
5
Digital Inputs
Supply Voltage readouts from the Pentium/PRO power supplies
that indicate the operating voltage or the processor (e.g. 1.5V to
2.9V). The values are read in the VID/Fan Divisor Register and
the VID4 Register.
TOTAL PINS
24
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com