Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 3Page - National Semiconductor (TI) LM81 Datasheet HTML 4Page - National Semiconductor (TI) LM81 Datasheet HTML 5Page - National Semiconductor (TI) LM81 Datasheet HTML 6Page - National Semiconductor (TI) LM81 Datasheet HTML 7Page - National Semiconductor (TI) LM81 Datasheet HTML 8Page - National Semiconductor (TI) LM81 Datasheet HTML 9Page - National Semiconductor (TI) LM81 Datasheet HTML 10Page - National Semiconductor (TI) LM81 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DC Electrical Characteristics (Continued)
The following specifications apply for +2.8V
DC ≤ V
+
≤ +3.8V
DC,RS = 500Ω, unless otherwise specified. Boldface limits apply
for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Note 8)
Symbol
Parameter
Conditions
Typical
Limits
LM81BIM
Limits
LM81CIM
Units
(Note 9)
(Note 10)
(Note 10)
(Limits)
DIGITAL OUTPUTS (NTEST_OUT)
V
OUT(1)
Logical “1” Output Voltage
I
OUT = ±3.0 mA at
V
+ = +2.8V
2.4
2.4
V (min)
V
OUT(0)
Logical “0” Output Voltage
I
OUT = ±3.0 mA at
V
+ = +3.8V
0.4
0.4
V (max)
OPEN- DRAIN DIGITAL OUTPUTS (SMBData, RESET, CI, INT, T_CRIT_A)
V
OUT(0)
Logical “0” Output Voltage
I
OUT = −3.0 mA
0.4
0.4
V (min)
I
OH
High Level Output Current
V
OUT =V
+
0.1
100
100
µA (max)
RESET and Chassis Intrusion
45
20
20
ms (min)
Pulse Width
DIGITAL INPUTS: VID0–VID4, NTEST_IN, A0/NTEST_OUT, A1, Chassis Intrusion (CI)
V
IN(1)
Logical “1” Input Voltage
2.0
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
0.8
0.8
V (max)
SMBus DIGITAL INPUTS (SMBCLK, SMBData)
V
IN(1)
Logical “1” Input Voltage
2.1
1.4
V (min)
V
IN(0)
Logical “0” Input Voltage
0.8
0.6
V (max)
Tach Pulse Logic Inputs (FAN1, FAN2)
V
IN(1)
Logical “1” Input Voltage
0.7xV
+
0.7xV
+
V (min)
V
IN(0)
Logical “0” Input Voltage
0.3xV
+
0.3xV
+
V (max)
ALL DIGITAL INPUTS
I
IN(1)
Logical “1” Input Current
V
IN =V
+
−0.005
−1
−1
µA (min)
I
IN(0)
Logical “0” Input Current
V
IN =0 VDC
0.005
11
µA (max)
C
IN
Digital Input Capacitance
20
pF
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com