Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC1069-7
Description  Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 4 Page - Analog Devices

  LTC1069-7 Datasheet HTML 1Page - Analog Devices LTC1069-7 Datasheet HTML 2Page - Analog Devices LTC1069-7 Datasheet HTML 3Page - Analog Devices LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1569-7
TYPICAL PERFOR A CE CHARACTERISTICS
THD vs Input Voltage
THD vs Input Frequency
INPUT VOLTAGE (VP-P)
0
1
2
3
45
1569-7 G02
–50
–60
–70
–80
–90
fIN = 10kHz
fCUTOFF = 128kHz
IN+ TO OUT
REXT = 10k
PIN 5 AT V–
VS = 5V
PIN 3 = 2V
VS = 3V
PIN 3 = 1.11V
INPUT FREQUENCY (kHz)
020
10
30
50
70
90
40
60
80
100
1569-7 G01
–68
–70
–72
–74
–76
–78
VIN = 1.5VP-P
fCUTOFF = 128kHz
IN+ TO OUT
REXT = 10k
PIN 5 AT V–
VS = 5V
PIN 3 = 2V
FREQUENCY (kHz)
5
10
–90
10
100
1000
1569-7 G03
VS = 3V
fC = 128kHz
REXT = 10k
PIN 5 AT V–
FREQUENCY (kHz)
1
1
0
–1
–2
–3
–4
20
19
18
17
16
15
14
13
12
11
10
10
100
1569-7 G04
VS = 3V
fC = 128kHz
REXT = 10k
PIN 5 AT V–
Gain vs Frequency
Passband Gain and Group Delay
vs Frequency
fCUTOFF (kHz)
1
10
100
1000
1569-7 G05
12
11
10
9
8
7
6
5
4
DIV-BY-16
DIV-BY-4
DIV-BY-1
EXT CLK
fCUTOFF (kHz)
1
10
100
1000
1569-7 G06
23
21
19
17
15
13
11
9
7
5
DIV-BY-16
DIV-BY-4
DIV-BY-1
EXT CLK
5V Supply Current
3V Supply Current
fCUTOFF (kHz)
1
10
100
1000
1569-7 G07
35
32
29
26
23
20
17
14
11
8
5
DIV-BY-16
DIV-BY-4
DIV-BY-1
EXT CLK
±5V Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com