Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1069-7
Description  Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 2 Page - Analog Devices

  LTC1069-7 Datasheet HTML 1Page - Analog Devices LTC1069-7 Datasheet HTML 2Page - Analog Devices LTC1069-7 Datasheet HTML 3Page - Analog Devices LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1569-7
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Filter Gain
VS = 5V, fCLK = 8.192MHz,
fIN = 5120Hz = 0.02 • fCUTOFF
q
– 0.10
0.00
0.10
dB
fCUTOFF = 256kHz, VIN = 2.5VP-P,fIN = 51.2kHz = 0.2 • fCUTOFF
q
– 0.25
– 0.15
– 0.05
dB
REXT = 5k, Pin 5 Shorted to Pin 4
fIN = 128kHz = 0.5 • fCUTOFF
q
– 0.50
– 0.41
– 0.25
dB
fIN = 204.8kHz = 0.8 • fCUTOFF
q
– 1.1
– 0.65
– 0.40
dB
fIN = 256kHz = fCUTOFF, LTC1569C
q
– 5.7
– 3.8
– 2.3
dB
fIN = 256kHz = fCUTOFF, LTC1569I
q
– 6.2
– 3.8
– 2.0
dB
fIN = 384kHz = 1.5 • fCUTOFF
q
–58
– 48
dB
fIN = 512kHz = 2 • fCUTOFF
q
–62
– 54
dB
fIN = 768kHz = 3 • fCUTOFF
q
–67
– 64
dB
VS = 2.7V, fCLK = 1MHz,
fIN = 625Hz = 0.02 • fCUTOFF
q
– 0.08
0.00
0.12
dB
fCUTOFF = 31.25kHz, VIN = 1VP-P,fIN = 6.25kHz = 0.2 • fCUTOFF
q
– 0.25
– 0.15
– 0.05
dB
Pin 6 Shorted to Pin 4, External Clock
fIN = 15.625kHz = 0.5 • fCUTOFF
q
– 0.50
– 0.40
– 0.30
dB
fIN = 25kHz = 0.8 • fCUTOFF
q
– 0.75
– 0.65
– 0.50
dB
fIN = 31.25kHz = fCUTOFF
q
– 3.3
– 3.15
– 3.0
dB
fIN = 46.875kHz = 1.5 • fCUTOFF
q
–57
– 52
dB
fIN = 62.5kHz = 2 • fCUTOFF
q
–60
– 54
dB
fIN = 93.75kHz = 3 • fCUTOFF
q
–66
– 58
dB
Filter Phase
VS = 2.7V, fCLK = 4MHz,
fIN = 2500Hz = 0.02 • fCUTOFF
–11
Deg
fCUTOFF = 125kHz, Pin 6 Shorted to
fIN = 25kHz = 0.2 • fCUTOFF
q
– 114
–112
–110
Deg
Pin 4, External Clock
fIN = 62.5kHz = 0.5 • fCUTOFF
q
78
80
82
Deg
fIN = 100kHz = 0.8 • fCUTOFF
q
–85
– 83
–81
Deg
fIN = 125kHz = fCUTOFF
q
155
158
161
Deg
fIN = 187.5kHz = 1.5 • fCUTOFF
– 95
Deg
Filter Cutoff Accuracy
REXT = 10.24k from Pin 6 to Pin 7,
125kHz
±1%
when Self-Clocked
VS = 3V, Pin 5 Shorted to Pin 4
Filter Output DC Swing
VS = 3V, Pin 3 = 1.11V
2.1
VP-P
q
1.9
VP-P
VS = 5V, Pin 3 = 2V
3.9
VP-P
q
3.7
VP-P
VS = ±5V
8.6
VP-P
LTC1569C
q
8.4
VP-P
LTC1569I
q
8.0
VP-P
A
G
A
U
A
R
BSOLUTEXI
TI
S
ORDER PART
NUMBER
PACKAGE/ORDER I FOR ATIO
(Note 1)
Total Supply Voltage ................................................ 11V
Power Dissipation .............................................. 500mW
Operating Temperature
LTC1569C ............................................... 0
°C to 70°C
LTC1569I ............................................ – 40
°C to 85°C
Storage Temperature ............................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VS = 3V (V + = 3V, V – = 0V), fCUTOFF = 128kHz, RLOAD = 10k unless otherwise specified.
ELECTRICAL C
C
HARA TERISTICS
LTC1569CS8-7
LTC1569IS8-7
S8 PART
MARKING
Consult factory for Military grade parts.
TJMAX = 125°C, θJA = 80°C/W (Note 6)
15697
1569I7
1
2
3
4
8
7
6
5
TOP VIEW
OUT
V+
RX
DIV/CLK
IN+
IN–
GND
V–
S8 PACKAGE
8-LEAD PLASTIC SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com