Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC1069-7
Description  Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC1069-7 Datasheet HTML 3Page - Analog Devices LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices LTC1069-7 Datasheet HTML 10Page - Analog Devices LTC1069-7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1569-7
APPLICATIONS INFORMATION
Figure 5. Filter Cutoff vs Temperature,
Divide-by-4 Mode, REXT = 10k
Figure 7. Filter Cutoff vs Temperature,
Divide-by-16 Mode, REXT = 10k
The cutoff frequency is easily estimated from the equation
in Figure 1. Examples 1 and 2 illustrate how to use the
graphs in Figures 2 through 7 to get a more precise
estimate of the cutoff frequency.
Example 1: LTC1569-7, REXT = 20k, VS = 3V, divide-by-16
mode, DIV/CLK (Pin 5) connected to V + (Pin 7), TA = 25°C.
Using the equation in Figure 1, the approximate filter
cutoff frequency is fCUTOFF = 128kHz • (10k/20k)
• (1/16) = 4kHz.
For a more precise fCUTOFF estimate, use Table 1 to get
a value of fCUTOFF when REXT = 20k and use the graph
in Figure 6 to find the correct divide ratio when VS = 3V
and REXT = 20k. Based on Table 1 and Figure 6, fCUTOFF
= 64kHz • (20.18k/20k) • (1/16.02) = 4.03kHz.
From Table 1, the part-to-part variation of fCUTOFF will
be
±2%. From the graph in Figure 7, the 0°C to 70°C
drift of fCUTOFF will be – 0.2% to 0.2%.
Example 2: LTC1569-7, REXT = 5k, VS = 5V, divide-by-1
mode, DIV/CLK (Pin 5) connected to V – (Pin 4), TA = 25°C.
Using the equation in Figure 1, the approximate filter
cutoff frequency is fCUTOFF = 128kHz • (10k/5k)
• (1/1) = 256kHz.
For a more precise fCUTOFF estimate, use Table 1 to get
fCUTOFF frequency for REXT = 5k and use Figure 2 to
correct for the supply voltage when VS = 5V. From
Table 1 and Figure 2, fCUTOFF = 256k • (5.01k/5k) •
0.970 = 249kHz.
Figure 6. Typical Divide Ratio in the
Divide-by-16 Mode, TA = 25°C
TEMPERATURE (
°C)
–50
1569-7 F05
1.010
1.008
1.006
1.004
1.002
1.000
0.998
0.996
0.994
0.992
0.990
–25
0
25
50
75
100
VS = 3V
VS = 5V
VS = 10V
VSUPPLY (V)
2
1569-7 F06
16.32
16.16
16.00
15.84
4
6
810
REXT = 5k
REXT = 10k
REXT = 20k
REXT = 40k
TEMPERATURE (
°C)
–50
1569-7 F07
1.010
1.008
1.006
1.004
1.002
1.000
0.998
0.996
0.994
0.992
0.990
–25
0
25
50
75
100
VS = 3V
VS = 5V
VS = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com