Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC1069-7
Description  Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 5 Page - Analog Devices

  LTC1069-7 Datasheet HTML 1Page - Analog Devices LTC1069-7 Datasheet HTML 2Page - Analog Devices LTC1069-7 Datasheet HTML 3Page - Analog Devices LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1569-7
PIN FUNCTIONS
IN +/IN – (Pins 1, 2): Signals can be applied to either or
both input pins. The DC gain from IN + (Pin 1) to OUT
(Pin 8) is 1.0, and the DC gain from Pin 2 to Pin 8 is –1. The
input range, input resistance and output range are de-
scribed in the Applications Information section. Input
voltages which exceed the power supply voltages should
be avoided. Transients will not cause latchup if the current
into/out of the input pins is limited to 20mA.
GND (Pin 3): The GND pin is the reference voltage for the
filter and should be externally biased to 2V (1.11V) to
maximize the dynamic range of the filter in applications
using a single 5V (3V) supply. For single supply operation,
the GND pin should be bypassed with a quality 1
µF
ceramic capacitor to V – (Pin 4). The impedance of the
circuit biasing the GND pin should be less than 2k
Ω as the
GND pin generates a small amount of AC and DC current.
For dual supply operation, connect Pin 3 to a high quality
DC ground. A ground plane should be used. A poor ground
will increase DC offset, clock feedthrough, noise and
distortion.
V –/V + (Pins 4, 7): For 3V, 5V and
±5V applications a
quality 1
µF ceramic bypass capacitor is required from V+
(Pin 7) to V – (Pin 4) to provide the transient energy for the
internal clock drivers. The bypass should be as close as
possible to the IC. In dual supply applications (Pin 3 is
grounded), an additional 0.1
µF bypass from V+ (Pin 7) to
GND (Pin 3) and V – (Pin 4) to GND (Pin 3) is recom-
mended.
The maximum voltage difference between GND (Pin 3) and
V + (Pin 7) should not exceed 5.5V.
DIV/CLK (Pin 5): DIV/CLK serves two functions. When the
internal oscillator is enabled, DIV/CLK can be used to
engage an internal divider. The internal divider is set to 1:1
when DIV/CLK is shorted to V – (Pin 4). The internal divider
is set to 4:1 when DIV/CLK is allowed to float (a 100pF
bypass to V – is recommended). The internal divider is set
to 16:1 when DIV/CLK is shorted to V + (Pin 7). In the
divide-by-4 and divide-by-16 modes the power supply
current is reduced by typically 60%.
When the internal oscillator is disabled (RX shorted
to V –) DIV/CLK becomes an input pin for applying an
external clock signal. For proper filter operation, the clock
waveform should be a squarewave with a duty cycle as
close as possible to 50% and CMOS voltages levels (see
Electrical Characteristics section for voltage levels). DIV/
CLK pin voltages which exceed the power supply voltages
should be avoided. Transients will not cause latchup if the
fault current into/out of the DIV/CLK pin is limited to 40mA.
RX (Pin 6): Connecting an external resistor between the RX
pin and V + (Pin 7) enables the internal oscillator. The value
of the resistor determines the frequency of oscillation. The
maximum recommended resistor value is 40k and the
minimum is 3.8k/8k (single 5V/3V supply). The internal
oscillator is disabled by shorting the RX pin to V – (Pin 4).
(Please refer to the Applications Information section.)
OUT (Pin 8): Filter Output. This pin can drive 10k
Ω and/or
40pF loads. For larger capacitive loads, an external 100
Ω
series resistor is recommended. The output pin can ex-
ceed the power supply voltages by up to
±2V without
latchup.
BLOCK DIAGRA
10TH ORDER
LINEAR PHASE
FILTER NETWORK
POWER
CONTROL
DIVIDER/
BUFFER
REXT
PRECISION
OSCILLATOR
5
6
7
8
4
3
2
1
OUT
V+
RX
DIV/CLK
IN+
IN–
GND
V–
1569-7 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com