Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC1069-7
Description  Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC1069-7 Datasheet HTML 2Page - Analog Devices LTC1069-7 Datasheet HTML 3Page - Analog Devices LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices LTC1069-7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1569-7
reduced. This results in a 60% power savings with a single
5V supply.
Table1. fCUTOFF vs REXT, VS = 3V, TA = 25°C, Divide-by-1 Mode
REXT
Typical fCUTOFF
Typical Variation of fCUTOFF
3844
Ω
320kHz
±3.0%
5010
Ω
256kHz
±2.5%
10k
128kHz
±1%
20.18k
64kHz
±2.0%
40.2k
32kHz
±3.5%
The power reduction in the divide-by-4 and divide-by-16
modes, however, effects the fundamental oscillator fre-
quency. Hence, the effective divide ratio will be slightly
different from 4:1 or 16:1 depending on VS, TA and REXT.
Typically this error is less than 1% (Figures 4 and 6).
Self-Clocking Operation
The LTC1569-7 features a unique internal oscillator which
sets the filter cutoff frequency using a single external
resistor. The design is optimized for VS = 3V, fCUTOFF =
128kHz, where the filter cutoff frequency error is typically
<1% when a 0.1% external 10k resistor is used. With
different resistor values and internal divider settings, the
cutoff frequency can be accurately varied from 2kHz to
150kHz/300kHz (single 3V/5V supply). As shown in
Figure 1, the divider is controlled by the DIV/CLK (Pin 5).
Table 1 summarizes the cutoff frequency vs external
resistor values for the divide-by-1 mode.
In the divide-by-4 and divide-by-16 modes, the cutoff
frequencies in Table 1 will be lowered by 4 and 16
respectively. When the LTC1569-7 is in the divide-by-4
and divide-by-16 modes the power is automatically
APPLICATIONS INFORMATION
Figure 4. Typical Divide Ratio in the
Divide-by-4 Mode, TA = 25°C
Figure 3. Filter Cutoff vs Temperature,
Divide-by-1 Mode, REXT = 10k
Figure 2. Filter Cutoff vs VSUPPLY,
Divide-by-1 Mode, TA = 25°C
Figure 1
VSUPPLY (V)
2
1569-7 F02
1.04
1.03
1.02
1.01
1.00
0.99
0.98
0.97
0.96
4
6
810
REXT = 5k
REXT = 10k
REXT = 20k
REXT = 40k
TEMPERATURE (
°C)
–50
1569-7 F03
1.010
1.008
1.006
1.004
1.002
1.000
0.998
0.996
0.994
0.992
0.990
–25
0
25
50
75
100
VS = 3V
VS = 5V
VS = 10V
VSUPPLY (V)
2
1569-7 F04
4.08
4.04
4.00
3.96
4
6
810
REXT = 5k
REXT = 10k
REXT = 20k
REXT = 40k
LTC1569-7
18
27
36
45
DIVIDE-BY-4
DIVIDE-BY-1
DIVIDE-BY-16
V+
V–
REXT
100pF
fCUTOFF =
128kHz (10k/REXT)
1, 4 OR 16
1569-7 F01
IN+
IN–
GND
V–
OUT
V+
RX
DIV/CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com