Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC1069-7
Description  Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices LTC1069-7 Datasheet HTML 10Page - Analog Devices LTC1069-7 Datasheet HTML 11Page - Analog Devices LTC1069-7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1569-7
PART NUMBER
DESCRIPTION
COMMENTS
LTC1064-3
Linear Phase, Bessel 8th Order Filter
fCLK/fCUTOFF = 75/1 or 150/1, Very Low Noise
LTC1064-7
Linear Phase, 8th Order Lowpass Filter
fCLK/fCUTOFF = 50/1 or 100/1, fCUTOFF(MAX) = 100kHz
LTC1068-x
Universal, 8th Order Filter
fCLK/fCUTOFF = 25/1, 50/1, 100/1 or 200/1, fCUTOFF(MAX) = 200kHz
LTC1069-7
Linear Phase, 8th Order Lowpass Filter
fCLK/fCUTOFF = 25/1, fCUTOFF(MAX) = 200kHz, SO-8
LTC1164-7
Low Power, Linear Phase Lowpass Filter
fCLK/fCUTOFF = 50/1 or 100/1, IS = 2.5mA, VS = 5V
LTC1264-7
Linear Phase, 8th Order Lowpass Filter
fCLK/fCUTOFF = 25/1 or 50/1, fCUTOFF(MAX) = 200kHz
LTC1562/LTC1562-2
Universal, 8th Order Active RC Filter
fCUTOFF(MAX) = 150kHz (LTC1562)
fCUTOFF(MAX) = 300kHz (LTC1562-2)
© LINEAR TECHNOLOGY CORPORATION 1998
sn15697 15697fs LT/TP 0300 4K • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
TYPICAL APPLICATIO S
18
27
36
45
VOUT
1
µF
+3V
REXT = 8.56k
1
µF
2k
3.48k
+3V
20k
300kbps
DATA
20k
4.99k
+3V
1569-7 TA09
LTC1569-7
IN+
IN–
GND
V–
OUT
V+
RX
DIV/CLK
18
27
36
45
VOUT
1
µF
+3V
REXT = 8.56k
1
µF
2k
3.48k
+3V
20k
20k
4.99k
+3V
1569-7 TA10
LTC1569-7
IN+
IN–
GND
V–
OUT
V+
RX
D1
D0
DIV/CLK
10k
200ksps
DATA
Pulse Shaping Circuit for Single 3V Operation, 300kbps
2 level data, 150kHz Cutoff Filter
Pulse Shaping Circuit for Single 3V Operation, 400kbps
(200ksps) 4 Level Data, 128kHz Cutoff Filter
1569-7 TA07
1
µs/DIV
1569-7 TA08
1
µs/DIV
2-Level, 300kbps Eye Diagram
4-Level, 400kbps (200ksps)
Eye Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com