Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1069-7
Description  Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 3 Page - Analog Devices

  LTC1069-7 Datasheet HTML 1Page - Analog Devices LTC1069-7 Datasheet HTML 2Page - Analog Devices LTC1069-7 Datasheet HTML 3Page - Analog Devices LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1569-6
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VS = 3V (V + = 3V, V– = 0V), fCLK = 4.096MHz, fCUTOFF = 64kHz, RLOAD = 10k unless otherwise specified.
ELECTRICAL C
C
HARA TERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output DC Offset
REXT = 10k, Pin 5 Shorted to Pin 7
VS = 3V
±2
±5mV
(Note 2)
VS = 5V
±6
±12
mV
VS = ±5V
±15
mV
Output DC Offset
REXT = 10k, Pin 5 Shorted to Pin 7
VS = 3V
25
µV/°C
Drift
VS = 5V
25
µV/°C
VS = ±5V
75
µV/°C
Clock Pin Logic Thresholds
VS = 3V
Min Logical “1”
2.7
V
when Clocked Externally
Max Logical “0”
0.5
V
VS = 5V
Min Logical “1”
4.0
V
Max Logical “0”
0.5
V
VS = ±5V
Min Logical “1”
4.0
V
Max Logical “0”
0.5
V
Power Supply Current
fCLK = 256kHz (40k from Pin 6 to Pin 7,
VS = 3V
3
4
mA
(Note 3)
Pin 5 Open,
÷ 4), fCUTOFF = 4kHz
q
5mA
VS = 5V
3.5
5
mA
q
6mA
VS = 10V
4.5
7
mA
q
8mA
fCLK = 4.096MHz (10k from Pin 6 to Pin 7,
VS = 3V
8
mA
Pin 5 Shorted to Pin 4,
÷ 1), fCUTOFF = 64kHz
q
11
mA
VS = 5V
9
mA
q
13
mA
VS = 10V
12
mA
q
17
mA
Clock Feedthrough
Pin 5 Open
0.1
mVRMS
Wideband Noise
Noise BW = DC to 2 • fCUTOFF
95
µVRMS
THD
fIN = 3kHz, 1.5VP-P, fCUTOFF = 32kHz
80
dB
Clock-to-Cutoff
64
Frequency Ratio
Max Clock Frequency
VS = 3V
5
MHz
(Note 4)
VS = 5V
5
MHz
VS = ±5V
7
MHz
Min Clock Frequency
VS = 3V, 5V, TA < 85°C
1.5
kHz
(Note 5)
VS = ±5V
3kHz
Input Frequency Range
Aliased Components <–65dB
0.9 • fCLK
Hz
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: DC offset is measured with respect to Pin 3.
Note 3: If the internal oscillator is used as the clock source and the divide-
by-4 or divide-by-16 mode is enabled, the supply current is reduced as
much as 40% relative to the divide-by-1 mode.
Note 4: The maximum clock frequency is arbitrarily defined as the
frequency at which the filter AC response exhibits >1dB of gain peaking.
Note 5: The minimum clock frequency is arbitrarily defined as the frequecy
at which the filter DC offset changes by more than 5mV.
Note 6: For more details refer to the Input and Output Voltage Range
paragraph in the Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com