Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC1069-7
Description  Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices LTC1069-7 Datasheet HTML 10Page - Analog Devices LTC1069-7 Datasheet HTML 11Page - Analog Devices LTC1069-7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1569-6
©LINEAR TECHNOLOGY CORPORATION 1999
15696f LT/TP 0500 4K • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1064-3
Linear Phase, Bessel 8th Order Filter
fCLK/fCUTOFF = 75/1 or 150/1, Very Low Noise
LTC1064-7
Linear Phase, 8th Order Lowpass Filter
fCLK/fCUTOFF = 50/1 or 100/1, fCUTOFF(MAX) = 100kHz
LTC1069-7
Linear Phase, 8th Order Lowpass Filter
fCLK/fCUTOFF = 25/1, fCUTOFF(MAX) = 200kHz, SO-8
LTC1164-7
Low Power, Linear Phase Lowpass Filter
fCLK/fCUTOFF = 50/1 or 100/1, IS = 2.5mA, VS = 5V
LTC1264-7
Linear Phase, 8th Order Lowpass Filter
fCLK/fCUTOFF = 25/1 or 50/1, fCUTOFF(MAX) = 200kHz
LTC1562/LTC1562-2
Universal, 8th Order Active RC Filter
fCUTOFF(MAX) = 150kHz (LTC1562)
fCUTOFF(MAX) = 300kHz (LTC1562-2)
LTC1563-2/LTC1563-3
Active RC, 4th Order Lowpass
fCUTOFF(MAX) = 300kHz, Very Low Noise
LTC1569-7
Linear Phase DC Accurate, 10th Order
fCUTOFF(MAX) = 300kHz, No Clock Required
RELATED PARTS
TYPICAL APPLICATIO S
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.016 – 0.050
(0.406 – 1.270)
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 1298
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
TYP
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
2
µs/DIV
1569-6 TA09
4-Level, 200kbps (100ksps) Eye Diagram
18
27
36
45
VOUT
1
µF
3V
REXT = 10k
1
µF
2k
3.48k
3V
20k
2.49k*
D1
20k
3V
1569-6 TA06
LTC1569-6
IN+
IN–
GND
V–
OUT
V+
RX
DIV/CLK
9.31k*
D0
100ksps
DATA
* SEE APPLICATIONS INFORMATION, “INPUT AND OUTPUT VOLTAGE RANGE”
Pulse Shaping Circuit for Single 3V Operation,
200kbps (100ksps) 4-Level Data, 64kHz Cutoff Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com