Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC1069-7
Description  Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC1069-7 Datasheet HTML 3Page - Analog Devices LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices LTC1069-7 Datasheet HTML 10Page - Analog Devices LTC1069-7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1569-6
Using the equation in Figure 1, the approximate filter
cutoff frequency is fCUTOFF = 64kHz • (10k/20k)
• (1/16) = 2kHz.
For a more precise fCUTOFF estimate, use Table 1 to get
a value of fCUTOFF when REXT = 20k and use the graph
in Figure 6 to find the correct divide ratio when VS = 3V
and REXT = 20k. Based on Table 1 and Figure 6, fCUTOFF
= 32kHz • (20.18k/20k) • (1/16.02) = 2.01kHz.
From Table 1, the part-to-part variation of fCUTOFF will
be
±2%. From the graph in Figure 7, the 0°C to 70°C
drift of fCUTOFF will be – 0.2% to 0.2%.
Example 2: LTC1569-6, REXT = 10k, VS = 5V, divide-by-1
mode, DIV/CLK (Pin 5) connected to V – (Pin 4), TA = 25°C.
APPLICATIONS INFORMATION
Using the equation in Figure 1, the approximate filter
cutoff frequency is fCUTOFF = 64kHz • (10k/10k)
• (1/1) = 64kHz.
For a more precise fCUTOFF estimate, use Figure 2 to
correct for the supply voltage when VS = 5V. From
Table 1 and Figure 2, fCUTOFF = 64k • (10k/10k) • 0.970
= 62.1kHz.
The oscillator is sensitive to transients on the positive
supply. The IC should be soldered to the PC board and the
PCB layout should include a 1
µF ceramic capacitor be-
tween V + (Pin 7) and V – (Pin 4) , as close as possible to
the IC to minimize inductance. Avoid parasitic capacitance
on RX and avoid routing noisy signals near RX (Pin 6). Use
Figure 4. Typical Divide Ratio in the
Divide-by-4 Mode, TA = 25°C
Figure 5. Filter Cutoff vs Temperature,
Divide-by-4 Mode, REXT = 10k
Figure 3. Filter Cutoff vs Temperature,
Divide-by-1 Mode, REXT = 10k
Figure 2. Filter Cutoff vs VSUPPLY,
Divide-by-1 Mode, TA = 25°C
VSUPPLY (V)
2
1569-6 F04
4.08
4.04
4.00
3.96
4
6
810
REXT = 5k
REXT = 10k
REXT = 20k
REXT = 40k
TEMPERATURE (
°C)
–50
1569-6 F05
1.010
1.008
1.006
1.004
1.002
1.000
0.998
0.996
0.994
0.992
0.990
–25
0
25
50
75
100
VS = 3V
VS = 5V
VS = 10V
VSUPPLY (V)
2
1569-6 F02
1.04
1.03
1.02
1.01
1.00
0.99
0.98
0.97
0.96
4
6
810
REXT = 5k
REXT = 10k
REXT = 20k
REXT = 40k
TEMPERATURE (
°C)
–50
1569-6 F03
1.010
1.008
1.006
1.004
1.002
1.000
0.998
0.996
0.994
0.992
0.990
–25
0
25
50
75
100
VS = 3V
VS = 5V
VS = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com