Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC1069-7
Description  Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 1 Page - Analog Devices

  LTC1069-7 Datasheet HTML 1Page - Analog Devices LTC1069-7 Datasheet HTML 2Page - Analog Devices LTC1069-7 Datasheet HTML 3Page - Analog Devices LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1569-6
Linear Phase, DC Accurate,
Low Power, 10th Order Lowpass Filter
s
One External R Sets Cutoff Frequency
s
Root Raised Cosine Response
s
3mA Supply Current with a Single 3V Supply
s
Up to 64kHz Cutoff on a Single 3V Supply
s
10th Order, Linear Phase Filter in an SO-8
s
DC Accurate, VOS(MAX) = 5mV
s
Low Power Modes
s
Differential or Single-Ended Inputs
s
80dB CMRR (DC)
s
82dB Signal-to-Noise Ratio, VS = 5V
s
Operates from 3V to
±5V Supplies
The LTC
®1569-6 is a 10th order lowpass filter featuring
linear phase and a root raised cosine amplitude response.
The high selectivity of the LTC1569-6 combined with its
linear phase in the passband makes it suitable for filtering
both in data communications and data acquisition sys-
s
Data Communication Filters for 3V Operation
s
Linear Phase and Phase Matched Filters for I/Q
Signal Processing
s
Pin Programmable Cutoff Frequency Lowpass Filters
tems.
Furthermore, its root raised cosine response offers
the optimum pulse shaping for PAM data communica-
tions. The filter attenuation is 50dB at 1.5 • fCUTOFF, 60dB
at 2 • fCUTOFF, and in excess of 80dB at 6 • fCUTOFF. DC-
accuracy-sensitive applications benefit from the 5mV
maximum DC offset.
The LTC1569-6 sampled data filter does not require an
external clock yet its cutoff frequency can be set with a
single external resistor with a typical accuracy of 3.5% or
better. The external resistor programs an internal oscilla-
tor whose frequency is divided by either 1, 4 or 16 prior to
being applied to the filter network. Pin 5 determines the
divider setting. Thus, up to three cutoff frequencies can be
obtained for each external resistor value. Using various
resistor values and divider settings, the cutoff frequency
can be programmed over a range of six octaves. Alterna-
tively, the cutoff frequency can be set with an external
clock and the clock-to-cutoff frequency ratio is 64:1. The
ratio of the internal sampling rate to the filter cutoff
frequency is 128:1.
The LTC1569-6 is fully tested for a cutoff frequency of
64kHz with a single 3V supply.
The LTC1569-6 features power saving modes and it is
available in an SO-8 surface mount package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
FREQUENCY (kHz)
1
0
–20
–40
–60
–80
–100
10
100
1000
1569-6 TA01a
18
27
36
45
1
µF
3V
1/4
1/16
1/1
3V
REXT = 10k
100pF
1
µF
2k
3.48k
3V
LTC1569-6
EASY TO SET fCUTOFF:
fCUTOFF =
64kHz (10k/REXT)
1, 4 OR 16
1569-6 TA01
IN+
IN–
GND
V–
OUT
VIN
VOUT
V+
RX
DIV/CLK
Frequency Response, fCUTOFF = 64kHz/16kHz/4kHz
Single 3V Supply, 64kHz/16kHz/4kHz Lowpass Filter
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LTC1069-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
Linear Phase 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
169Kb / 10P
Linear Phase 8th Order Lowpass Filter
logo
Analog Devices
LTC1069-7 AD-LTC1069-7 Datasheet
164Kb / 10P
Linear Phase 8th Order Lowpass Filter
REV A
LTC1069-7 AD-LTC1069-7 Datasheet
150Kb / 12P
Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
REV A
LTC1069-7 AD-LTC1069-7 Datasheet
237Kb / 12P
Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
More results

Similar Description - LTC1069-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1569-6 LINER-LTC1569-6 Datasheet
217Kb / 12P
Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
LTC1569-7 LINER-LTC1569-7 Datasheet
222Kb / 12P
Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
Low Power, Linear Phase 8th Order Lowpass Filter
LTC1569-6 LINER-LTC1569-6_1 Datasheet
196Kb / 12P
Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
LTC1569-7 LINER-LTC1569-7_15 Datasheet
242Kb / 12P
Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
Low Power, Linear Phase 8th Order Lowpass Filter
LTC1569-6 LINER-LTC1569-6_15 Datasheet
202Kb / 12P
Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com