Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC1069-7
Description  Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 4 Page - Analog Devices

  LTC1069-7 Datasheet HTML 1Page - Analog Devices LTC1069-7 Datasheet HTML 2Page - Analog Devices LTC1069-7 Datasheet HTML 3Page - Analog Devices LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1569-6
TYPICAL PERFOR A CE CHARACTERISTICS
THD vs Input Voltage
THD vs Input Frequency
INPUT VOLTAGE (VP-P)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1569-6 G04
–50
–55
–60
–65
–70
–75
–80
–85
–90
fIN = 3kHz
fCUTOFF = 32kHz
IN+ TO OUT
VS = 5V
PIN 3 = 2V
VS = 3V
PIN 3 = 1.11V
INPUT FREQUENCY (kHz)
0
5
10
15
20
25
30
1569-6 G03
–60
–65
–70
–75
–80
–85
–90
VIN = 1.5VP-P
fCUTOFF = 32kHz
IN+ TO OUT
VS = 5V
PIN 3 = 2V
FREQUENCY (kHz)
10
–10
–30
–50
–70
–90
10
2.5
100
1000
1569-6 G01
FREQUENCY (kHz)
1
0
–1
–2
–3
–4
40
36
32
28
24
20
1
0.2
10
80
1569-6 GO2
fCUTOFF (kHz)
0.1
11
10
9
8
7
6
5
4
3
1
10
100
1569-6 G06
DIV-BY-1
DIV-BY-4
EXT CLK
DIV-BY-16
fCUTOFF (kHz)
0.1
14
12
10
8
6
4
1
10
100
1569-6 G07
DIV-BY-1
DIV-BY-4
EXT CLK
DIV-BY-16
3V Supply Current
Passband Gain and Group Delay
vs Frequency
Gain vs Frequency
fCUTOFF (kHz)
0.1
10
9
8
7
6
5
4
3
2
1
10
100
1569-6 G05
DIV-BY-1
DIV-BY-4
EXT CLK
DIV-BY-16
5V Supply Current
±5V Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com