Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC1069-7
Description  Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC1069-7 Datasheet HTML 2Page - Analog Devices LTC1069-7 Datasheet HTML 3Page - Analog Devices LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices LTC1069-7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1569-6
BLOCK DIAGRA
10TH ORDER
LINEAR PHASE
FILTER NETWORK
POWER
CONTROL
DIVIDER/
BUFFER
REXT
PRECISION
OSCILLATOR
5
6
7
8
4
3
2
1
OUT
V+
RX
DIV/CLK
IN+
IN–
GND
V–
1569-6 BD
APPLICATIONS INFORMATION
Self-Clocking Operation
The LTC1569-6 features a unique internal oscillator which
sets the filter cutoff frequency using a single external
resistor. The design is optimized for VS = 3V, fCUTOFF =
64kHz, where the filter cutoff frequency error is typically
<1% when a 0.1% external 10k resistor is used. With
different resistor values and internal divider settings, the
cutoff frequency can be accurately varied from 1kHz to
64kHz. As shown in Figure 1, the divider is controlled by
the DIV/CLK (Pin 5). Table 1 summarizes the cutoff
frequency vs external resistor values for the divide-by-1
mode.
LTC1569-6
18
27
36
45
DIVIDE-BY-4
DIVIDE-BY-1
DIVIDE-BY-16
V+
V–
REXT
100pF
fCUTOFF =
64kHz (10k/REXT)
1, 4 OR 16
1569-6 F01
IN+
IN–
GND
V–
OUT
V+
RX
DIV/CLK
Figure 1
Table1. fCUTOFF vs REXT, VS = 3V, TA = 25°C, Divide-by-1 Mode
REXT
Typical fCUTOFF
Typical Variation of fCUTOFF
3844
Ω*
N/A
±3.0%
5010
Ω*
N/A
±2.5%
10k
64kHz
±1%
20.18k
32kHz
±2.0%
40.2k
16kHz
±3.5%
*REXT values less than 10k can be used only in the divide-by-16 mode.
In the divide-by-4 and divide-by-16 modes, the cutoff
frequencies in Table 1 will be lowered by 4 and 16
respectively. When the LTC1569-6 is in the divide-by-4
and divide-by-16 modes the power is automatically re-
duced. This results in up to a 40% power savings.
The power reduction in the divide-by-4 and divide-by-16
modes, however, effects the fundamental oscillator fre-
quency. Hence, the effective divide ratio will be slightly
different from 4:1 or 16:1 depending on VS, TA and REXT.
Typically this error is less than 1% (Figures 4 and 6).
The cutoff frequency is easily estimated from the equation
in Figure 1. Examples 1 and 2 illustrate how to use the
graphs in Figures 2 through 7 to get a more precise
estimate of the cutoff frequency.
Example 1: LTC1569-6, REXT = 20k, VS = 3V, divide-by-16
mode, DIV/CLK (Pin 5) connected to V + (Pin 7), TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com