Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6598 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6598
Description  HIGH VOLTAGE RESONANT CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6598 Datasheet HTML 6Page - STMicroelectronics L6598 Datasheet HTML 7Page - STMicroelectronics L6598 Datasheet HTML 8Page - STMicroelectronics L6598 Datasheet HTML 9Page - STMicroelectronics L6598 Datasheet HTML 10Page - STMicroelectronics L6598 Datasheet HTML 11Page - STMicroelectronics L6598 Datasheet HTML 12Page - STMicroelectronics L6598 Datasheet HTML 13Page - STMicroelectronics L6598 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
L6598
10/16
Bootstrap Section
The supply of the high voltage section is obtained by means of a bootstrap circuitry. This solution normally re-
quires an high voltage fast recovery diode for charging the bootstrap capacitor (fig. 11a). In the L6568 a patent-
ed integrated structure, replaces this external diode. It is realised by means of a high voltage DMOS, driven
synchronously with the low side driver (LVG), with in series a diode, as shown in fig. 11b.
Figure 11. ootstrap driver
To drive the synchronised DMOS it is necessary a voltage higher than the supply voltage Vs. This voltage is
obtained by means of an internal charge pump (fig. 11b).
The diode connected in series to the DMOS has been added to avoid undesirable turn on of it. The introduction
of the diode prevents any current can flow from the Vboot pin to the VS one in case that the supply is quickly
turned off when the internal capacitor of the pump is not fully discharged.
The bootstrap driver introduces a voltage drop during the recharging of the capacitor Cboot (i.e. when the low
side driver is on), which increases with the frequency and with the size of the external power MOS. It is the sum
of the drop across the RDSON and of the diode threshold voltage. At low frequency this drop is very small and
can be neglected. Anyway increasing the frequency it must be taken in to account. In fact the drop, reducing
the amplitude of the driving signal, can significantly increase the RDSON of the external power MOS (and so the
dissipation).
To be considered that in resonant power supplies the current which flows in the power MOS decreases increas-
ing the switching frequency and generally the increases of RDSON is not a problem because power dissipation
is negligible. The following equation is useful to compute the drop on the bootstrap driver:
[8]
where Qg is the gate charge of the external power MOS, Rdson is the on resistance of the bootstrap DMOS, and
Tcharge is the time in which the bootstrap driver remains on (about the semiperiod of the switching frequency
minus the dead time). The typical resistance value of the bootstrap DMOS is 150 Ohm. For example using a
power MOS with a total gate charge of 30nC the drop on the bootstrap driver is about 3V, at a switching fre-
quency of 200kHz. In fact:
To summarise, if a significant drop on the bootstrap driver (at high switching frequency when large power MOS
are used) represents a problem, an external diode can be used, avoiding the drop on the RDSON of the DMOS.
VS
VBOOT
LVG
CBOOT
VOUT
VS
VBOOT
CBOOT
VOUT
DBOOT
ab
V
drop
I
ch
e
arg Rdson
V
diode
V
drop
+
Q
g
T
ch
e
arg
-------------------
R
dson
V
diode
+
==
V
drop
30 nC
2.23
µs
------------------ 150
Ω 0.6V~2.6V
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com