Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6598 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6598
Description  HIGH VOLTAGE RESONANT CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 Datasheet(HTML) 4 Page - STMicroelectronics

  L6598 Datasheet HTML 1Page - STMicroelectronics L6598 Datasheet HTML 2Page - STMicroelectronics L6598 Datasheet HTML 3Page - STMicroelectronics L6598 Datasheet HTML 4Page - STMicroelectronics L6598 Datasheet HTML 5Page - STMicroelectronics L6598 Datasheet HTML 6Page - STMicroelectronics L6598 Datasheet HTML 7Page - STMicroelectronics L6598 Datasheet HTML 8Page - STMicroelectronics L6598 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
L6598
4/16
ELECTRICAL CHARACTERISTCS (VS =12V; VBOOT -VOUT =12V; Tamb =25°C)
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY VOLTAGE
Vsuvp
12
VS Turn On Threshold
10
10.7
11.4
V
Vsuvn
VS Turn Off Threshold
7.3
8
8.7
V
Vsuvh
Supply Voltage Under Voltage
hysteresis
2.7
V
Vcl
Supply Voltage Clamping
14.6
15.6
16.6
V
Isu
Start Up Current
Vs <Vsuvn
250
µA
Iq
Quiescent Current, fout =
60kHz, no load
Vs >Vsuvp
2mA
HIGH VOLTAGE SECTION
Ibootleak
16
BOOT pin Leakage Current
VBOOT = 580V
5
mA
Ioutleak
14
OUT pin Leakage Current
VOUT = 562V
5
mA
Rdon
16
Bootstrap Driver On Resistance
150
HIGH/LOW SIDE DRIVERS
Ihvgso
15
High Side Driver Source Current
VHVG-VOUT = 0
170
250
mA
Ihvgsi
High Side Driver Sink Current
VHVG-VBOOT = 0
300
450
mA
Ilvgso
11
Low Side Driver Source Current
VLVG-GND = 0
170
250
mA
Ilvgsi
Low Side Driver Sink Current
VLVG - VS = 0
300
450
mA
trise
15,11
Low/High Side Output Rise Time Cload = 1nF
80
120
ns
tfall
Cload = 1nF
40
80
ns
OSCILL ATOR
DC
14
Output Duty Cycle
48
50
52
%
fmin
Minimum Output Oscillation
Frequency
Cf = 470pF; Rfmin = 50k
58.2
60
61.8
kHz
fstart
Soft Start Output Oscillation
Frequency
Cf = 470pF; Rfmin = 50k;
Rfstart =47k
114
120
126
kHz
Vref
2, 4
Voltage to Current Converters
Threshold
22
td
14
Dead Time between Low and
High Side Conduction
0.2
0.27
0.35
µs
TIMING SECTION
kss
1
Soft Start Timing constant
Css = 330nF
0.115
0.15
0.185
s/
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com