Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6598 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6598
Description  HIGH VOLTAGE RESONANT CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 Datasheet(HTML) 1 Page - STMicroelectronics

  L6598 Datasheet HTML 1Page - STMicroelectronics L6598 Datasheet HTML 2Page - STMicroelectronics L6598 Datasheet HTML 3Page - STMicroelectronics L6598 Datasheet HTML 4Page - STMicroelectronics L6598 Datasheet HTML 5Page - STMicroelectronics L6598 Datasheet HTML 6Page - STMicroelectronics L6598 Datasheet HTML 7Page - STMicroelectronics L6598 Datasheet HTML 8Page - STMicroelectronics L6598 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
L6598
February 2000
s
HIGH VOLTAGE RAIL UP TO 600V
s
dV/dt IMMUNITY
±50V/ns IN FULL
TEMPERATURE RANGE
s
DRIVER CURRENT CAPABILITY:
250mA SOURCE
450mA SINK
s
SWITCHING TIMES 80/40ns RISE/FALL WITH
1nF LOAD
s
CMOS SHUT DOWN INPUT
s
UNDER VOLTAGE LOCK OUT
s
SOFT START FREQUENCY SHIFTING
TIMING
s
SENSE OP AMP FOR CLOSED LOOP
CONTROL OR PROTECTION FEATURES
s
HIGH ACCURACY CURRENT CONTROLLED
OSCILLATOR
s
INTEGRATED BOOTSTRAP DIODE
s
CLAMPING ON Vs
s
SO16, DIP16 PACKAGES
DESCRIPTION
The L6598 is manufactured with the BCD OFF LINE
technology, able to ensure voltage ratings up to
600V, making it perfectly suited for AC/DC Adapters
and wherever a Resonant Topology can be benefi-
cial. The device is intended to drive two Power MOS,
in the classical Half Bridge Topology. A dedicated
Timing Section allows the designer to set Soft Start
Time, Soft Start and Minimum Frequency. An Error
Amplifier, together with the two Enable inputs, are
made available. In addition, the integrated Bootstrap
Diode and the Zener Clamping on low voltage sup-
ply, reduces to a minimum the external parts needed
in the applications.
DIP16
SO16N
ORDERING NUMBERS:
L6598
L6598D
HIGH VOLTAGE RESONANT CONTROLLER
BLOCK DIAGRAM
GND
VREF
Ifmin
Rfmin
VCO
EN1
Vthe1
Vthe2
EN2
VS
VBOOT
OUT
CBOOT
LOAD
H.V.
LVG
UV
DETECTION
Vs
HVG
BOOTSTRAP
DRIVER
HVG
DRIVER
LVG DRIVER
Css
VREF
Ifstart
Rfstart
Cf
OP AMP
+
-
OPOUT
OPIN-
OPIN+
DEAD
TIME
DRIVING
LOGIC
CONTROL
LOGIC
Iss
+
-
+
-
LEVEL
SHIFTER
D98IN887A
12
5
6
7
4
2
3
1
9
8
10
11
14
15
16


Similar Part No. - L6598

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6598 STMICROELECTRONICS-L6598 Datasheet
249Kb / 17P
HIGH VOLTAGE RESONANT CONTROLLER
Jun-2004
L6598 STMICROELECTRONICS-L6598 Datasheet
367Kb / 24P
High voltage resonant controller
02-Oct-2009
L6598D STMICROELECTRONICS-L6598D Datasheet
249Kb / 17P
HIGH VOLTAGE RESONANT CONTROLLER
Jun-2004
L6598D STMICROELECTRONICS-L6598D Datasheet
367Kb / 24P
High voltage resonant controller
02-Oct-2009
L6598D013TR STMICROELECTRONICS-L6598D013TR Datasheet
249Kb / 17P
HIGH VOLTAGE RESONANT CONTROLLER
Jun-2004
More results

Similar Description - L6598

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6599 STMICROELECTRONICS-L6599 Datasheet
635Kb / 36P
High-voltage resonant controller
15-May-2006
L6598 STMICROELECTRONICS-L6598_04 Datasheet
249Kb / 17P
HIGH VOLTAGE RESONANT CONTROLLER
Jun-2004
L6599_0807 STMICROELECTRONICS-L6599_0807 Datasheet
636Kb / 36P
High-voltage resonant controller
18-Jul-2006
L6599DTR STMICROELECTRONICS-L6599DTR Datasheet
639Kb / 36P
High-voltage resonant controller
11-Feb-2009
L6699DTR STMICROELECTRONICS-L6699DTR Datasheet
960Kb / 38P
Enhanced high voltage resonant controller
16-Jan-2013
E-L6598D013TR STMICROELECTRONICS-E-L6598D013TR Datasheet
367Kb / 24P
High voltage resonant controller
02-Oct-2009
L6599ATD STMICROELECTRONICS-L6599ATD Datasheet
864Kb / 31P
Improved high-voltage resonant controller
30-Oct-2009
L6599AN STMICROELECTRONICS-L6599AN Datasheet
1Mb / 35P
Improved high-voltage resonant controller
14-Jan-2013
L6699 STMICROELECTRONICS-L6699 Datasheet
960Kb / 38P
Enhanced high voltage resonant controller
January 2013 Rev 2
L6599AT STMICROELECTRONICS-L6599AT Datasheet
977Kb / 32P
Improved high voltage resonant controller
29-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com